Electronic Components Datasheet Search
  English  ▼

X  

LINR2 Datasheet(PDF) 17 Page - fujitsu semiconductor

Part # LINR2
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR2 Datasheet(HTML) 17 Page - fujitsu semiconductor

Back Button LINR2 Datasheet HTML 13Page - fujitsu semiconductor LINR2 Datasheet HTML 14Page - fujitsu semiconductor LINR2 Datasheet HTML 15Page - fujitsu semiconductor LINR2 Datasheet HTML 16Page - fujitsu semiconductor LINR2 Datasheet HTML 17Page - fujitsu semiconductor LINR2 Datasheet HTML 18Page - fujitsu semiconductor LINR2 Datasheet HTML 19Page - fujitsu semiconductor LINR2 Datasheet HTML 20Page - fujitsu semiconductor LINR2 Datasheet HTML 21Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 108 page
background image
MB96320 Series
FME-MB96320 rev 7
17
■ MEMORY MAP
MB96V300B
MB96(F)32x
FF:FFFFH
Emulation ROM
USER ROM /
External Bus*4
DE:0000H
External Bus
External Bus
10:0000H
0F:E000H
Boot-ROM
Boot-ROM
Reserved
Reserved
0E:0000H
External RAM
02:0000H
Internal RAM
bank 1
Reserved
RAMEND1*2
Internal RAM
bank 1
RAM availability de-
pending on the device
RAMSTART12
01:0000H
Reserved
ROM/RAM MIRROR
ROM/RAM MIRROR
00:8000H
Internal RAM
bank 0
Internal RAM
bank 0
RAMSTART0*2
Reserved
RAMSTART0*3
External Bus
External Bus end
address*2
00:0C00H
External Bus
Peripherals
Peripherals
00:0380H
00:0180H
GPR*1
GPR*1
00:0100H
DMA
DMA
00:00F0H
External Bus
External Bus
00:0000H
Peripheral
Peripheral
*1: Unused GPR banks can be used as RAM area
*2: For External Bus end address and RAMSTART/END addresses, please refer to the table on the next page.
*3: For EVA device, RAMSTART0 depends on the configuration of the emulated device.
*4: For details about USER ROM area, see the
■ USER ROM MEMORY MAP FOR FLASH DEVICES on the
following pages.
The External Bus area and DMA area are only available if the device contains the corresponding resource.
The available RAM and ROM area depends on the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com