Electronic Components Datasheet Search
  English  ▼

X  

LINR2 Datasheet(PDF) 100 Page - fujitsu semiconductor

Part # LINR2
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR2 Datasheet(HTML) 100 Page - fujitsu semiconductor

Back Button LINR2 Datasheet HTML 96Page - fujitsu semiconductor LINR2 Datasheet HTML 97Page - fujitsu semiconductor LINR2 Datasheet HTML 98Page - fujitsu semiconductor LINR2 Datasheet HTML 99Page - fujitsu semiconductor LINR2 Datasheet HTML 100Page - fujitsu semiconductor LINR2 Datasheet HTML 101Page - fujitsu semiconductor LINR2 Datasheet HTML 102Page - fujitsu semiconductor LINR2 Datasheet HTML 103Page - fujitsu semiconductor LINR2 Datasheet HTML 104Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 108 page
background image
MB96320 Series
100
FME-MB96320 rev 7
MB96F326 operation modes with medium currents
MB96F326 Low power mode currents
0
1
2
3
4
5
-60
-40
-20
0
20
40
60
80
100
120
Ta [˚C]
RC Sleep 2M
Main Sleep
PLL Timer 48
RC Run 2M
Main Run
0.001
0.01
0.1
1
-60
-40
-20
0
20
40
60
80
100
120
Ta [˚C]
Stop 1.2V
Stop 1.8V
RC Timer 100k
Sub Timer
Sub Sleep
Sub Run
RC Sleep 100k
RC Timer 2M
RC Run 100k
Main Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com