Electronic Components Datasheet Search
  English  ▼

X  

LINR2 Datasheet(PDF) 103 Page - fujitsu semiconductor

Part # LINR2
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR2 Datasheet(HTML) 103 Page - fujitsu semiconductor

Back Button LINR2 Datasheet HTML 99Page - fujitsu semiconductor LINR2 Datasheet HTML 100Page - fujitsu semiconductor LINR2 Datasheet HTML 101Page - fujitsu semiconductor LINR2 Datasheet HTML 102Page - fujitsu semiconductor LINR2 Datasheet HTML 103Page - fujitsu semiconductor LINR2 Datasheet HTML 104Page - fujitsu semiconductor LINR2 Datasheet HTML 105Page - fujitsu semiconductor LINR2 Datasheet HTML 106Page - fujitsu semiconductor LINR2 Datasheet HTML 107Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 108 page
background image
MB96320 Series
FME-MB96320 rev 7
103
■ ORDERING INFORMATION
MCU with CAN controller
MCU without CAN controller
This datasheet is also valid for the following outdated devices:
MB96F326YSA, MB96F326RSA, MB96F326YWA, MB96F326RWA, MB96F326ASA, MB96F326AWA
Part number
Flash/ROM
Subclock
Persistent
Low Volt-
age Reset
Package
MB96F326YSB PMC-GSE2
Flash A (288KB)
No
Yes
80 pin Plastic LQFP
(FPT-80P-M21)
MB96F326RSB PMC-GSE2
No
MB96F326YWB PMC-GSE2
Yes
Yes
MB96F326RWB PMC-GSE2
No
MB96V300BRB-ES
(for evaluation)
Emulated by ext. RAM
Yes
No
416 pin Plastic BGA
(BGA-416P-M02)
Part number
Flash/ROM
Subclock
Persistent
Low Volt-
age Reset
Package
MB96F326ASB PMC-GSE2
Flash A (288KB)
No
No
80 pin Plastic LQFP
(FPT-80P-M21)
MB96F326AWB PMC-GSE2
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com