Electronic Components Datasheet Search
  English  ▼

X  

LINR2 Datasheet(PDF) 105 Page - fujitsu semiconductor

Part # LINR2
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR2 Datasheet(HTML) 105 Page - fujitsu semiconductor

Back Button LINR2 Datasheet HTML 100Page - fujitsu semiconductor LINR2 Datasheet HTML 101Page - fujitsu semiconductor LINR2 Datasheet HTML 102Page - fujitsu semiconductor LINR2 Datasheet HTML 103Page - fujitsu semiconductor LINR2 Datasheet HTML 104Page - fujitsu semiconductor LINR2 Datasheet HTML 105Page - fujitsu semiconductor LINR2 Datasheet HTML 106Page - fujitsu semiconductor LINR2 Datasheet HTML 107Page - fujitsu semiconductor LINR2 Datasheet HTML 108Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 105 / 108 page
background image
MB96320 Series
FME-MB96320 rev 7
105
6
2009-01-09
• Format adjusted to official Fujitsu Microelectronics datasheet standard
(mainly style changes and official notes and disclaimer added)
• Numbering of Electrical Characteristics subchapters automated
• Devices added (MB96F326A)
• I/O map: Added node about reserved registers
• Serial programming interface: Note about handshaking pins improved
• specified AD converter channel offset to 4LSB
• package code of MB96V300 corrected in ordering information
• Added voltage condition to pull-up resistance spec
• Ordering information: column “Flash/ROM” added, column “Remarks” re-
moved
• Official package dimension drawing with additional notes added
• Empty pages removed
• Handling devices: Notes added about Serial communication and about
using ceramic resonators.
• Feature list and AC Characteristics: 16MHz maximum frequency is valid
for crystal oscillators. For resonators, maximum frequency depends on Q-
factor
• AC characteristics: PLL phase skew spec added, CLKVCO min=64MHz
• VOL3 spec improved: spec valid for 3mA load for full Vcc range
• C-Pin cap spec updated: 4.7
µF-10µF capacitor with tolerance permitted
• “Preliminary” watermark removed
7
2010-06-22
• AD converter IAIN spec improved: 1uA valid up to 105deg, 1.2uA above
105deg. Changed Unit of Vot anf Vfst from LSB to V.
• Note added that PLL phase jitter spec does not include jitter coming from
Main clock
• Removed PHDR register from IO map
• Note added in DC characteristics how to select driving strength of ports
• I2C AC spec updated: tof, Cb and tSP spec added, wrong footnotes and
Condition removed
• I/O Circuit type: Note added for type “N” (slew rate control according to
I2C spec)
• Updated Power Supply current spec in Run/Sleep/Timer/Stop modes (new
spec items in PLL Run/Sleep mode, small adjustment of most other values)
• Example characteristics updated, new figures added showing dependency
of PLL Run mode current on frequency
• Package dimension: Added the following sentence under the figure:
“Please confirm the latest Package dimension by following URL.
http://edevice.fujitsu.com/package/en-search/”
• AD converter: Impact of input pin capacitance and external capacitance
added to formula for calculation of the sampling time
• Added specification of RC clock stabilization time
• Feature description I2C: ‘8-bit addressing’ corrected to ‘7-bit addressing’
• Feature description PPG: ‘Reload timer overflow as clock input’ corrected
to ‘Reload timer underflow as clock input’
• Company name updated on the cover page: Fujitsu Microelectronics Lim-
ited -> Fujitsu Semiconductor Limited
Revision
Date
Modification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com