Electronic Components Datasheet Search
  English  ▼

X  

LINR2 Datasheet(PDF) 101 Page - fujitsu semiconductor

Part # LINR2
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR2 Datasheet(HTML) 101 Page - fujitsu semiconductor

Back Button LINR2 Datasheet HTML 97Page - fujitsu semiconductor LINR2 Datasheet HTML 98Page - fujitsu semiconductor LINR2 Datasheet HTML 99Page - fujitsu semiconductor LINR2 Datasheet HTML 100Page - fujitsu semiconductor LINR2 Datasheet HTML 101Page - fujitsu semiconductor LINR2 Datasheet HTML 102Page - fujitsu semiconductor LINR2 Datasheet HTML 103Page - fujitsu semiconductor LINR2 Datasheet HTML 104Page - fujitsu semiconductor LINR2 Datasheet HTML 105Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 108 page
background image
MB96320 Series
FME-MB96320 rev 7
101
2. Frequency dependency of power supply currents in PLL Run mode
The following diagrams show the current consumption of samples with typical wafer process parameters in PLL
Run mode at different frequencies and Flash timing settings.
Measurement conditions:
•VCC = AVCC = 5.0V
•
Ta = 25˚C
•fCLKS1 = fCLKB or fCLKS1 = 2*fCLKB as described in diagram
•fCLKS2 = fCLKS1
•fCLKP1 = fCLKB
•fCLKP2 = fCLKB/2
•
Core voltage at 1.8V (VRCR:HPM[1:0] = 10B) or 1.9V (VRCR:HPM[1:0] = 11B) as described in diagram
•
Main clock = 4MHz external clock
•
Flash memory timing settings:
• MTCRA=2128H/2208H (0 Flash wait states, fCLKS1 = 2*fCLKB)
• MTCRA=0239H/2129H (1 Flash wait state, fCLKS1 = fCLKB)
• MTCRA=4C09H/6B09H (1 Flash wait state, fCLKS1 = 2*fCLKB)
• MTCRA=233AH (2 Flash wait states, fCLKS1 = fCLKB)
•
Average Flash access rate (number of read accesses to the Flash per CLKB clock cycle, no buffer hit):
• 0 Flash wait states: 0.5
• 1 Flash wait states: 0.33
• 2 Flash wait states: 0.25
MB96F326 PLL Run mode currents
0
5
10
15
20
25
30
35
40
45
0
4
8
1216
202428
3236
404448
5256
CLKB/CLKP1 (MHz)
1 Flash wait state
(CLKS1=2*CLKB, 1.9V)
1 Flash wait state
(CLKS1=2*CLKB, 1.8V)
0 Flash wait states
(CLKS1=2*CLKB, 1.8V)
1 Flash wait state
(CLKS1=CLKB, 1.8V)
2 Flash wait states
(CLKS1=CLKB, 1.8V)
2 Flash wait states
(CLKS1=CLKB, 1.9V)
: Specified in "DC characteristics"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com