Electronic Components Datasheet Search
  English  ▼

X  

LINR2 Datasheet(PDF) 102 Page - fujitsu semiconductor

Part # LINR2
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR2 Datasheet(HTML) 102 Page - fujitsu semiconductor

Back Button LINR2 Datasheet HTML 98Page - fujitsu semiconductor LINR2 Datasheet HTML 99Page - fujitsu semiconductor LINR2 Datasheet HTML 100Page - fujitsu semiconductor LINR2 Datasheet HTML 101Page - fujitsu semiconductor LINR2 Datasheet HTML 102Page - fujitsu semiconductor LINR2 Datasheet HTML 103Page - fujitsu semiconductor LINR2 Datasheet HTML 104Page - fujitsu semiconductor LINR2 Datasheet HTML 105Page - fujitsu semiconductor LINR2 Datasheet HTML 106Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 108 page
background image
MB96320 Series
102
FME-MB96320 rev 7
■ PACKAGE DIMENSION MB96(F)32x LQFP 80
Please check the latest package dimension at the following URL.
http://edevice.fujitsu.com/package/en-search/
80-pin plastic LQFP
Lead pitch
0.50 mm
Package width
×
package length
12 mm
× 12 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting height
1.70 mm Max
Weight
0.47 g
Code
(Reference)
P-LFQFP80-12
×12-0.50
80-pin plastic LQFP
(FPT-80P-M21)
(FPT-80P-M21)
C
2006 FUJITSU LIMITED F80035S-c-2-2
120
40
21
60
41
80
61
INDEX
12.00±0.10(.472±.004)SQ
14.00±0.20(.551±.008)SQ
0.50(.020)
0.20±0.05
(.008±.002)
M
0.08(.003)
0.145±0.055
(.006±.002)
0.08(.003)
"A"
0˚~8˚
.059 –.004
+.008
–0.10
+0.20
1.50
0.50±0.20
(.020±.008)
0.60±0.15
(.024±.006)
0.10±0.05
(.004±.002)
(Stand off)
0.25(.010)
Details of "A" part
LEAD No.
(Mounting height)
*
Dimensions in mm (inches).
Note: The values in parentheses are reference values
©2006-2008 FUJITSU MICROELECTRONICS LIMITED F80035S-c-2-3
Note 1) * : These dimensions do not include resin protrusion.
Note 2) Pins width and pins thickness include plating thickness.
Note 3)Pins width do not include tie bar cutting remainder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com