Electronic Components Datasheet Search
  English  ▼

X  

LINR2 Datasheet(PDF) 52 Page - fujitsu semiconductor

Part # LINR2
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR2 Datasheet(HTML) 52 Page - fujitsu semiconductor

Back Button LINR2 Datasheet HTML 48Page - fujitsu semiconductor LINR2 Datasheet HTML 49Page - fujitsu semiconductor LINR2 Datasheet HTML 50Page - fujitsu semiconductor LINR2 Datasheet HTML 51Page - fujitsu semiconductor LINR2 Datasheet HTML 52Page - fujitsu semiconductor LINR2 Datasheet HTML 53Page - fujitsu semiconductor LINR2 Datasheet HTML 54Page - fujitsu semiconductor LINR2 Datasheet HTML 55Page - fujitsu semiconductor LINR2 Datasheet HTML 56Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 108 page
background image
MB96320 Series
52
FME-MB96320 rev 7
33
378H
CAN2
No
33
CAN Controller 2
34
374H
PPG0
Yes
34
Programmable Pulse Generator 0
35
370H
PPG1
Yes
35
Programmable Pulse Generator 1
36
36CH
PPG2
Yes
36
Programmable Pulse Generator 2
37
368H
PPG3
Yes
37
Programmable Pulse Generator 3
38
364H
PPG4
Yes
38
Programmable Pulse Generator 4
39
360H
PPG5
Yes
39
Programmable Pulse Generator 5
40
35CH
PPG6
Yes
40
Programmable Pulse Generator 6
41
358H
PPG7
Yes
41
Programmable Pulse Generator 7
42
354H
PPG8
Yes
42
Programmable Pulse Generator 8
43
350H
PPG9
Yes
43
Programmable Pulse Generator 9
44
34CH
PPG10
Yes
44
Programmable Pulse Generator 10
45
348H
PPG11
Yes
45
Programmable Pulse Generator 11
46
344H
PPG12
Yes
46
Programmable Pulse Generator 12
47
340H
PPG13
Yes
47
Programmable Pulse Generator 13
48
33CH
PPG14
Yes
48
Programmable Pulse Generator 14
49
338H
PPG15
Yes
49
Programmable Pulse Generator 15
50
334H
PPG16
Yes
50
Programmable Pulse Generator 16
51
330H
PPG17
Yes
51
Programmable Pulse Generator 17
52
32CH
PPG18
Yes
52
Programmable Pulse Generator 18
53
328H
PPG19
Yes
53
Programmable Pulse Generator 19
54
324H
RLT0
Yes
54
Reload Timer 0
55
320H
RLT1
Yes
55
Reload Timer 1
56
31CH
RLT2
Yes
56
Reload Timer 2
57
318H
RLT3
Yes
57
Reload Timer 3
58
314H
PPGRLT
Yes
58
Reload Timer 6 - dedicated for PPG
59
310H
ICU0
Yes
59
Input Capture Unit 0
60
30CH
ICU1
Yes
60
Input Capture Unit 1
61
308H
ICU2
Yes
61
Input Capture Unit 2
62
304H
ICU3
Yes
62
Input Capture Unit 3
63
300H
ICU4
Yes
63
Input Capture Unit 4
64
2FCH
ICU5
Yes
64
Input Capture Unit 5
65
2F8H
ICU6
Yes
65
Input Capture Unit 6
66
2F4H
ICU7
Yes
66
Input Capture Unit 7
67
2F0H
ICU8
Yes
67
Input Capture Unit 8
Interrupt vector table MB96(F)32x (2 of 3)
Vector
number
Offset in
vector ta-
ble
Vector name
Cleared by
DMA
Index in
ICR to pro-
gram
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com