Electronic Components Datasheet Search
  English  ▼

X  

LINR2 Datasheet(PDF) 54 Page - fujitsu semiconductor

Part # LINR2
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR2 Datasheet(HTML) 54 Page - fujitsu semiconductor

Back Button LINR2 Datasheet HTML 50Page - fujitsu semiconductor LINR2 Datasheet HTML 51Page - fujitsu semiconductor LINR2 Datasheet HTML 52Page - fujitsu semiconductor LINR2 Datasheet HTML 53Page - fujitsu semiconductor LINR2 Datasheet HTML 54Page - fujitsu semiconductor LINR2 Datasheet HTML 55Page - fujitsu semiconductor LINR2 Datasheet HTML 56Page - fujitsu semiconductor LINR2 Datasheet HTML 57Page - fujitsu semiconductor LINR2 Datasheet HTML 58Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 108 page
background image
MB96320 Series
54
FME-MB96320 rev 7
■ HANDLING DEVICES
Special care is required for the following when handling the device:
• Latch-up prevention
• Unused pins handling
• External clock usage
• Unused sub clock signal
• Notes on PLL clock mode operation
• Power supply pins (VCC/VSS)
• Crystal oscillator circuit
• Turn on sequence of power supply to A/D converter and analog inputs
• Pin handling when not using the A/D converter
• Notes on energization
• Stabilization of power supply voltage
• Serial communication
1.
Latch-up prevention
CMOS IC chips may suffer latch-up under the following conditions:
• A voltage higher than VCC or lower than VSS is applied to an input or output pin.
• A voltage higher than the rated voltage is applied between VCC pins and VSS pins.
Latch-up may increase the power supply current dramatically, causing thermal damages to the device.
2.
Unused pins handling
Unused input pins can be left open when the input is disabled (corresponding bit of Port Input Enable register
PIER = 0).
Leaving unused input pins open when the input is enabled may result in misbehavior and possible permanent
damage of the device. They must therefore be pulled up or pulled down through resistors. To prevent latch-up,
those resistors should be more than 2 k
Ω.
Unused bidirectional pins can be set either to the output state and be then left open, or to the input state with
either input disabled or external pull-up/pull-down resistor as described above.
3.
External clock usage
The permitted frequency range of an external clock depends on the oscillator type and configuration. See AC
Characteristics for detailed modes and frequency limits. Single and opposite phase external clocks must be
connected as follows:
1. Single phase external clock
• When using a single phase external clock, X0 (X0A) pin must be driven and X1 (X1A) pin left open.
X0
X1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com