Electronic Components Datasheet Search
  English  ▼

X  

LINR2 Datasheet(PDF) 73 Page - fujitsu semiconductor

Part # LINR2
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR2 Datasheet(HTML) 73 Page - fujitsu semiconductor

Back Button LINR2 Datasheet HTML 69Page - fujitsu semiconductor LINR2 Datasheet HTML 70Page - fujitsu semiconductor LINR2 Datasheet HTML 71Page - fujitsu semiconductor LINR2 Datasheet HTML 72Page - fujitsu semiconductor LINR2 Datasheet HTML 73Page - fujitsu semiconductor LINR2 Datasheet HTML 74Page - fujitsu semiconductor LINR2 Datasheet HTML 75Page - fujitsu semiconductor LINR2 Datasheet HTML 76Page - fujitsu semiconductor LINR2 Datasheet HTML 77Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 108 page
background image
MB96320 Series
FME-MB96320 rev 7
73
External Input timing
Note : Relocated Resource Inputs have same characteristics
(TA = -40˚C to 125˚C, VCC = AVCC = 3.0V to 5.5V, VSS = AVSS = 0V)
Parameter Symbol
Pin
Condition
Value
Unit
Used Pin input func-
tion
Min
Max
Input pulse
width
tINH
tINL
INTn(_R)
⎯
200
⎯
ns
External Interrupt
NMI(_R)
NMI
Pnn_m
2*tCLKP1 + 200
(tCLKP1=1/
fCLKP1)
⎯
ns
General Purpose IO
TINn(_R)
Reload Timer
TTGn(_R)
PPG Trigger input
ADTG(_R)
AD Converter Trigger
FRCKn(_R)
Free Running Timer
external clock
INn(_R)
Input Capture
VIL
VIH
tINH
VIL
VIH
tINL
External Pin input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com