Electronic Components Datasheet Search
  English  ▼

X  

LINR2 Datasheet(PDF) 64 Page - fujitsu semiconductor

Part # LINR2
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR2 Datasheet(HTML) 64 Page - fujitsu semiconductor

Back Button LINR2 Datasheet HTML 60Page - fujitsu semiconductor LINR2 Datasheet HTML 61Page - fujitsu semiconductor LINR2 Datasheet HTML 62Page - fujitsu semiconductor LINR2 Datasheet HTML 63Page - fujitsu semiconductor LINR2 Datasheet HTML 64Page - fujitsu semiconductor LINR2 Datasheet HTML 65Page - fujitsu semiconductor LINR2 Datasheet HTML 66Page - fujitsu semiconductor LINR2 Datasheet HTML 67Page - fujitsu semiconductor LINR2 Datasheet HTML 68Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 108 page
background image
MB96320 Series
64
FME-MB96320 rev 7
Power supply cur-
rent in Sleep
modes*
ICCSPLL
PLL Sleep mode with
CLKS1/2 = CLKP1 =
16MHz,
CLKP2 = 8MHz
(CLKRC and CLKSC
stopped)
+25˚C
4
6
mA
+125˚C
4.7
9
PLL Sleep mode with
CLKS1/2 = CLKP1 =
32MHz,
CLKP2 = 16MHz
(CLKRC and CLKSC
stopped)
+25˚C
7
9.5
mA
+125˚C
8
12.5
PLL Sleep mode with
CLKS1/2 = 48MHz,
CLKP1/2 = 24MHz
(CLKRC and CLKSC
stopped)
+25˚C
7
9
mA
+125˚C
8
12
PLL Sleep mode with
CLKS1/2 = CLKP1=
56MHz, CLKP2 = 28MHz
(CLKRC and CLKSC
stopped. Core voltage at
1.9V)
+25˚C
11
14.5
mA
+125˚C
12
17.5
PLL Sleep mode with
CLKS1/2 = 96MHz,
CLKP1= 48MHz,
CLKP2 = 24MHz
(CLKRC and CLKSC
stopped. Core voltage at
1.9V)
+25˚C
12
15
mA
+125˚C
13
18
ICCSMAIN
Main Sleep mode with
CLKS1/2 = CLKP1/2 =
4MHz
(CLKPLL, CLKSC and
CLKRC stopped)
+25˚C
1.3
1.8
mA
+125˚C
1.9
4.6
ICCSRCH
RC Sleep mode with
CLKS1/2 = CLKP1/2 =
2MHz
(CLKMC, CLKPLL and
CLKSC stopped)
+25˚C
0.8
1.4
mA
+125˚C
1.4
4.2
(TA = -40˚C to 125˚C, VCC = AVCC = 3.0V to 5.5V, VSS = AVSS = 0V)
Parameter
Symbol
Condition (at TA)
Value
Remarks
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com