Electronic Components Datasheet Search
  English  ▼

X  

LINR2 Datasheet(PDF) 81 Page - fujitsu semiconductor

Part # LINR2
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR2 Datasheet(HTML) 81 Page - fujitsu semiconductor

Back Button LINR2 Datasheet HTML 77Page - fujitsu semiconductor LINR2 Datasheet HTML 78Page - fujitsu semiconductor LINR2 Datasheet HTML 79Page - fujitsu semiconductor LINR2 Datasheet HTML 80Page - fujitsu semiconductor LINR2 Datasheet HTML 81Page - fujitsu semiconductor LINR2 Datasheet HTML 82Page - fujitsu semiconductor LINR2 Datasheet HTML 83Page - fujitsu semiconductor LINR2 Datasheet HTML 84Page - fujitsu semiconductor LINR2 Datasheet HTML 85Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 108 page
background image
MB96320 Series
FME-MB96320 rev 7
81
WRX
↑
⇒ Data hold time
tWHDX
WRX, WRLX,
WRHX,
AD[15:0]
⎯
tCYC/2
− 15
⎯
ns
WRX
↑
⇒ Address valid time
tWHAX
WRX, WRLX,
WRHX,
A[23:16]
⎯
tCYC/2
− 15
⎯
ns
WRX
↑⇒ ALE ↑ time
tWHLH
WRX, WRLX,
WRHX, ALE
EBM:ACE=1 and
EACL:STS=1
2tCYC
− 10
⎯
ns
other EBM:ACE
and
EACL:STS setting
tCYC
− 10
⎯
WRX
↓⇒ ECLK ↑
time
tWLCH
WRX, WRLX,
WRHX, ECLK
⎯
tCYC/2
− 10
⎯
ns
CSn
⇒ WRX time
tCSLWL
WRX, WRLX,
WRHX, CSn
EACL:ACE=0
⎯
3tCYC/2
−
15
ns
EACL:ACE=1
⎯
5tCYC/2
−
15
WRX
⇒ CSn time
tWHCSH
WRX, WRLX,
WRHX, CSn
⎯
tCYC/2
− 15
⎯
ns
(TA
=−40 °Cto +125 °C, VCC = 3.0 to 4.5V, VSS = 0.0 V, IOdrive =5mA,CL = 50pF)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Max
Valid address
⇒ WRX ↓ time
tAVWL
WRX, WRLX,
WRHX,
A[23:16]
EACL:ACE=0
3tCYC/2
−
20
⎯
ns
EACL:ACE=1
5tCYC/2
−
20
⎯
tADVWL
WRX, WRLX,
WRHX,
AD[15:0]
EACL:ACE=0
tCYC
− 20
⎯
ns
EACL:ACE=1
2tCYC
− 20
⎯
WRX pulse width
tWLWH
WRX, WRXL,
WRHX
⎯
tCYC
− 8
⎯
ns
w/o cycle
extension
Valid data output
⇒ WRX ↑ time
tDVWH
WRX, WRLX,
WRHX,
AD[15:0]
⎯
tCYC
− 25
⎯
ns
w/o cycle
extension
WRX
↑
⇒ Data hold time
tWHDX
WRX, WRLX,
WRHX,
AD[15:0]
⎯
tCYC/2
− 20
⎯
ns
WRX
↑
⇒ Address valid time
tWHAX
WRX, WRLX,
WRHX,
A[23:16]
⎯
tCYC/2
− 20
⎯
ns
(TA
=−40 °Cto +125 °C, VCC = 5.0 V ± 10%,VSS = 0.0 V, IOdrive =5mA,CL = 50pF)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com