Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 125 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 125 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 121Page - Texas Instruments TMS320VC5501 Datasheet HTML 122Page - Texas Instruments TMS320VC5501 Datasheet HTML 123Page - Texas Instruments TMS320VC5501 Datasheet HTML 124Page - Texas Instruments TMS320VC5501 Datasheet HTML 125Page - Texas Instruments TMS320VC5501 Datasheet HTML 126Page - Texas Instruments TMS320VC5501 Datasheet HTML 127Page - Texas Instruments TMS320VC5501 Datasheet HTML 128Page - Texas Instruments TMS320VC5501 Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 193 page
background image
Functional Overview
125
December 2002 − Revised November 2004
SPRS206H
Table 3−73. Clock Controller Registers
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE
0x1C80
PLLCSR
PLL Control Status Register
0000 0000 0000 0000
0x1C82
CK3SEL
CLKOUT3 Select Register
0000 0000 0000 1011
0x1C88
PLLM
PLL Multiplier Control Register
0000 0000 0000 0000
0x1C8A
PLLDIV0
PLL Divider 0 Register
1000 0000 0000 0000
0x1C8C
PLLDIV1
PLL Divider 1 Register
1000 0000 0000 0011
0x1C8E
PLLDIV2
PLL Divider 2 Register
1000 0000 0000 0011
0x1C90
PLLDIV3
PLL Divider 3 Register
1000 0000 0000 0011
0x1C92
OSCDIV1
Oscillator Divider 1 Register
0000 0000 0000 0000
0x1C98
WKEN
Oscillator Wakeup Control Register
0000 0000 0000 0000
Table 3−74. IDLE Control Registers
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE
0x9400
PICR
Peripheral IDLE Control Register
0000 0000 0000 0000
0x9401
PISTR
Peripheral IDLE Status Register
0000 0000 0000 0000
0x9402
MICR
Master IDLE Control Register
0000 0000 0000 0000
0x9403
MISR
Master IDLE Status Register
0000 0000 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com