Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 135 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 135 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 131Page - Texas Instruments TMS320VC5501 Datasheet HTML 132Page - Texas Instruments TMS320VC5501 Datasheet HTML 133Page - Texas Instruments TMS320VC5501 Datasheet HTML 134Page - Texas Instruments TMS320VC5501 Datasheet HTML 135Page - Texas Instruments TMS320VC5501 Datasheet HTML 136Page - Texas Instruments TMS320VC5501 Datasheet HTML 137Page - Texas Instruments TMS320VC5501 Datasheet HTML 138Page - Texas Instruments TMS320VC5501 Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 193 page
background image
Electrical Specifications
135
December 2002 − Revised November 2004
SPRS206H
5.4
Electrical Characteristics Over Recommended Operating Case Temperature
Range (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
DVDD = 3.3 ± 0.3 V, IOH = MAX
2.4
V
VOL
Low-level output voltage
IOL = MAX
0.4
V
IIZ
Input current for outputs in
Output-only or
input/output pins
with bus holders
Bus holders enabled
DVDD = MAX, VO = VSS to DVDD
− 300
300
A
IIZ
Input current for outputs in
high impedance
All other
output-only or
input/output pins
DVDD = MAX, VI = VSS to DVDD
− 5
5
µA
Input pins with
internal pulldown
DVDD = MAX, VI = VSS to DVDD
− 5
300
X2/CLKIN
DVDD = MAX, VI = VSS to DVDD
− 50
50
II
Input current
Input pins with
internal pullup
Pullup enabled
DVDD = MAX, VI = VSS to DVDD
− 300
5
µA
All other
input-only pins
DVDD = MAX, VI = VSS to DVDD
− 5
5
IDDC
CVDD supply current†
CVDD = Nominal
CPU clock = 300 MHz
TC = 25°C
239
mA
IDDD
DVDD supply current†
DVDD = Nominal
CPU clock = 300 MHz
TC = 25°C
39
mA
IDDP
PVDD supply current†
PVDD = Nominal
20-MHz clock input,
APLL mode = x15
11
mA
Ci
Input capacitance
3
pF
Co
Output capacitance
3
pF
† Current draw is highly application-dependent. The power numbers quoted here are for the sample application described in the
TMS320VC5501/02 Power Consumption Summary application report (literature number SPRA993). The spreadsheet provided with the
application report can be used to estimate the power consumption for a particular application. The spreadsheet also contains the current
consumption that can be expected when running the DSP in its idle configurations.
The sample application can be summarized as follows:
Case temperature: 25
°C
APLL: 300 MHz
CPU: 85% utilization
− Instruction cache enabled
− CLKOUT off
EMIF: 75 MHz, 118% utilization, 100% writes, 32 bits, 100% switching
− ECLKOUT1 and ECLKOUT2: Off
HPI: 5Mwords/second, 100% utilization, 100% writes, 100% switching
DMA:
− Channel 0: 35% utilization, 32-bit elements, 100% switching (for internal memory to external memory transfers)
− Channel 1: 1.56% utilization, 32-bit elements, 100% switching (for internal memory to McBSP0 transfers)
− Channel 2: 1.56% utilization, 32-bit elements, 100% switching (for McBSP1 to internal memory transfers)
− Channels 3 and 4: 0% utilization (reserved for UART transfers)
− Channel 5: 60% utilization (for internal memory to internal memory transfers using Watchdog Timer event)
McBSP0: 25 MHz, 100% utilization, 100% switching
Timer0: 5 MHz, 100% utilization, 100% switching
Timer1: 10 MHz, 100% utilization, 100% switching
WD Timer: 30 MHz, 100% utilization, 100% switching
UART: 9600 baud, 100% utilization
All other peripherals use 0 MHz, 0% utilization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com