Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 139 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 139 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 135Page - Texas Instruments TMS320VC5501 Datasheet HTML 136Page - Texas Instruments TMS320VC5501 Datasheet HTML 137Page - Texas Instruments TMS320VC5501 Datasheet HTML 138Page - Texas Instruments TMS320VC5501 Datasheet HTML 139Page - Texas Instruments TMS320VC5501 Datasheet HTML 140Page - Texas Instruments TMS320VC5501 Datasheet HTML 141Page - Texas Instruments TMS320VC5501 Datasheet HTML 142Page - Texas Instruments TMS320VC5501 Datasheet HTML 143Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 193 page
background image
Electrical Specifications
139
December 2002 − Revised November 2004
SPRS206H
5.6.3 Clock Generation in Bypass Mode (APLL Synthesis Disabled)
Table 5−2 and Table 5−3 assume testing over recommended operating conditions (see Figure 5−3).
Table 5−2. CLKIN in Bypass Mode Timing Requirements
NO.
MIN
MAX
UNIT
C7
tc(CI)
Cycle time, CLKIN†
APLL Synthesis Disabled
20
‡
ns
C8
tf(CI)
Fall time, CLKIN
10
ns
C9
tr(CI)
Rise time, CLKIN
10
ns
C10
tw(CIL)
Pulse duration, CLKIN low
0.4 *tc(CI)
ns
C11
tw(CIH) Pulse duration, CLKIN high
0.4 *tc(CI)
ns
† If an external crystal is used, the X2/CLKIN cycle time is limited by the crystal frequency range listed in Table 5−1.
‡ This device utilizes a fully static design and therefore can operate with tc(CI) approaching ∞. The device is characterized at frequencies
approaching 0 Hz.
Table 5−3. CLKOUT in Bypass Mode Switching Characteristics
NO.
PARAMETER
MIN
TYP
MAX
UNIT
C1
tc(CO)
Cycle time, CLKOUT
20
K * tc(CI)§
ns
C3
tf(CO)
Fall time, CLKOUT
3
ns
C4
tr(CO)
Rise time, CLKOUT
3
ns
C5
tw(COL)
Pulse duration, CLKOUT low
K * tc(CI)/2 − 1
K * tc(CI)/2 + 1
ns
C6
tw(COH)
Pulse duration, CLKOUT high
K * tc(CI)/2 − 1
K * tc(CI)/2 + 1
ns
§ K = divider ratio between CPU clock and system clock selected as CLKOUT. For example, when SYSCLK1 is selected as CLKOUT and SYSCLK1
is set to the CPU clock divided by four, use K = 4.
¶ This device utilizes a fully static design and therefore can operate with tc(CI) approaching ∞. The device is characterized at frequencies
approaching 0 Hz.
C4
C3
CLKOUT
CLKIN
C5
C8
C9
C1
C7
C6
C10
C11
NOTE: The relationship of CLKIN to CLKOUT depends on the system clock selected to drive CLKOUT. The waveform relationship shown in
Figure 5−3 is intended to illustrate the timing parameters only and may differ based on configuration.
Figure 5−3. Bypass Mode Clock Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com