Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 140 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 140 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 136Page - Texas Instruments TMS320VC5501 Datasheet HTML 137Page - Texas Instruments TMS320VC5501 Datasheet HTML 138Page - Texas Instruments TMS320VC5501 Datasheet HTML 139Page - Texas Instruments TMS320VC5501 Datasheet HTML 140Page - Texas Instruments TMS320VC5501 Datasheet HTML 141Page - Texas Instruments TMS320VC5501 Datasheet HTML 142Page - Texas Instruments TMS320VC5501 Datasheet HTML 143Page - Texas Instruments TMS320VC5501 Datasheet HTML 144Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 193 page
background image
Electrical Specifications
140
December 2002 − Revised November 2004
SPRS206H
5.6.4 Clock Generation in Lock Mode (APLL Synthesis Enabled)
The frequency of the reference clock provided at the CLKIN pin can be multiplied by a synthesis factor of N
to generate the internal CPU clock cycle. The synthesis factor is determined by:
N
+ M
D
0
where: M
=
the multiply factor set in the PLLM field of the PLL Multiplier Control Register (PLLM)
D0 =
the divide factor set in the PLLDIV0 field of the PLL Divider 0 Register (PLLDIV0)
Valid values for M are (multiply by) 2 to 15. Valid values for D0 are (divide by) 1 to 32.
For detailed information on clock generation configuration, see Section 3.9, System Clock Generator.
Table 5−4 and Table 5−5 assume testing over recommended operating conditions (see Figure 5−4).
Table 5−4. CLKIN in Lock Mode Timing Requirements
NO.
MIN
MAX
UNIT
C7
tc(CI)
Cycle time, CLKIN†
APLL synthesis enabled
10‡
83.3
ns
C8
tf(CI)
Fall time, CLKIN
10
ns
C9
tr(CI)
Rise time, CLKIN
10
ns
† If an external crystal is used, the X2/CLKIN cycle time is limited by the crystal frequency range listed in Table 5−1.
‡ The clock frequency synthesis factor and minimum CLKIN cycle time should be chosen such that the resulting CLKOUT cycle time is within the
specified range [tc(CO)].
Table 5−5. CLKOUT in Lock Mode Switching Characteristics
NO.
PARAMETER
MIN
TYP
MAX
UNIT
C1
tc(CO)
Cycle time, CLKOUT
6.66
K * tc(CI)/N§
14.29
ns
C3
tf(CO)
Fall time, CLKOUT
3
ns
C4
tr(CO)
Rise time, CLKOUT
3
ns
C5
tw(COL)
Pulse duration, CLKOUT low
K * tc(CI)/2N − 1
K * tc(CI)/2N + 1
ns
C6
tw(COH)
Pulse duration, CLKOUT high
K * tc(CI)/2N − 1
K * tc(CI)/2N + 1
ns
§ N = Clock frequency synthesis factor. K = divider ratio between CPU clock and system clock selected as CLKOUT. For example, when SYSCLK1
is selected as CLKOUT and SYSCLK1 is set to the CPU clock divided by four, use K = 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com