Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 142 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 142 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 138Page - Texas Instruments TMS320VC5501 Datasheet HTML 139Page - Texas Instruments TMS320VC5501 Datasheet HTML 140Page - Texas Instruments TMS320VC5501 Datasheet HTML 141Page - Texas Instruments TMS320VC5501 Datasheet HTML 142Page - Texas Instruments TMS320VC5501 Datasheet HTML 143Page - Texas Instruments TMS320VC5501 Datasheet HTML 144Page - Texas Instruments TMS320VC5501 Datasheet HTML 145Page - Texas Instruments TMS320VC5501 Datasheet HTML 146Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 193 page
background image
Electrical Specifications
142
December 2002 − Revised November 2004
SPRS206H
5.6.5 EMIF Clock Options
Table 5−6 through Table 5−8 assume testing over recommended operating conditions (see Figure 5−5
through Figure 5−7).
Table 5−6. EMIF Timing Requirements for ECLKIN†‡
NO.
MIN
MAX
UNIT
E7
tc(EKI)
Cycle time, ECLKIN
10
16P
ns
E8
tw(EKIH)
Pulse duration, ECLKIN high
0.4 * tc(EKI)
ns
E9
tw(EKIL)
Pulse duration, ECLKIN low
0.4 * tc(EKI)
ns
E10
tt(EKI)
Transition time, ECLKIN
2
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 300 MHz, use P = 3.33 ns.
‡ The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
Table 5−7. EMIF Switching Characteristics for ECLKOUT1§¶#
NO.
PARAMETER
MIN
MAX
UNIT
E1
tc(EKO1)
Cycle time, ECLKOUT1
E − 1
E + 1
ns
E2
tw(EKO1H)
Pulse duration, ECLKOUT1 high
EH − 1
EH + 1
ns
E3
tw(EKO1L)
Pulse duration, ECLKOUT1 low
EL − 1
EL + 1
ns
E4
tt(EKO1)
Transition time, ECLKOUT1
1
ns
E5
td(EKIH-EKO1H)
Delay time, ECLKIN high to ECLKOUT1 high
3
13
ns
E6
td(EKIL-EKO1L)
Delay time, ECLKIN low to ECLKOUT1 low
3
13
ns
§ The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN.
¶ E = the EMIF input clock (CPU clock, CPU/2 clock, or CPU/4 clock) period in ns for EMIF.
# EH is the high period of E (EMIF input clock period) in ns and EL is the low period of E (EMIF input clock period) in ns for EMIF.
ECLKIN
E7
E8
E9
E10
E10
Figure 5−5. ECLKIN Timings for EMIF
E5
E6
E1
E2
E3
ECLKIN
ECLKIN
ECLKOUT1
E4
E4
Figure 5−6. ECLKOUT1 Timings for EMIF Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com