Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5501 Datasheet(PDF) 137 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5501
Description  TMS320VC5501 Fixed-Point Digital Signal Processor
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5501 Datasheet(HTML) 137 Page - Texas Instruments

Back Button TMS320VC5501 Datasheet HTML 133Page - Texas Instruments TMS320VC5501 Datasheet HTML 134Page - Texas Instruments TMS320VC5501 Datasheet HTML 135Page - Texas Instruments TMS320VC5501 Datasheet HTML 136Page - Texas Instruments TMS320VC5501 Datasheet HTML 137Page - Texas Instruments TMS320VC5501 Datasheet HTML 138Page - Texas Instruments TMS320VC5501 Datasheet HTML 139Page - Texas Instruments TMS320VC5501 Datasheet HTML 140Page - Texas Instruments TMS320VC5501 Datasheet HTML 141Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 193 page
background image
Electrical Specifications
137
December 2002 − Revised November 2004
SPRS206H
5.6
Clock Options
This section provides the timing requirements and switching characteristics for the various clock options
available on the 5501.
5.6.1 Internal System Oscillator With External Crystal
The 5501 includes an internal oscillator which can be used in conjunction with an external crystal to generate
the input clock to the DSP. The oscillator requires an external crystal connected across the X1 and X2/CLKIN
pins. If the internal oscillator is not used, an external clock source must be applied to the X2/CLKIN pin and
the X1 pin should be left unconnected. Since the internal oscillator can be used as a clock source to the PLL,
the crystal oscillation frequency can be multiplied to generate the input clock to the different clock groups of
the DSP.
GPIO4 is sampled on the rising edge of the reset signal to set the state of the CLKMD0 bit of the Clock Mode
Control Register (CLKMD), which in turns, determines the clock source for the DSP. The CLKMD0 bit selects
either the internal oscillator output (OSCOUT) or the X2/CLKIN pin as the input clock source for the DSP. If
GPIO4 is low at reset, the CLKMD0 bit will be set to ‘0’ and the internal oscillator and the external crystal
generate the input clock for the DSP. If GPIO4 is high, the CLKMD0 bit will be set to ‘1’ and the input clock
will be taken directly from the X2/CLKIN pin.
The crystal should be in fundamental-mode operation, and parallel resonant, with a maximum effective series
resistance (ESR) as specified in Table 5−1. The connection of the required circuit is shown in Figure 5−2.
Under some conditions, all the components shown are not required. The capacitors, C1 and C2, should be
chosen such that the equation below is satisfied. CL in the equation is the load specified for the crystal that
is also specified in Table 5−1.
C
L
+
C
1C2
(C
1
) C
2)
X2/CLKIN
X1
C1
C2
Crystal
RS
Figure 5−2. Internal System Oscillator With External Crystal
Table 5−1. Recommended Crystal Parameters
FREQUENCY RANGE (MHz)
MAXIMUM ESR
SPECIFICATIONS (
Ω)
CLOAD (pF)
MAXIMUM
CSHUNT (pF)
RS (kΩ)
20−15
40
10
7
0
15−12
40
16
7
0
12−10
40
16
7
2.8
10−8
60
18
7
2.2
8−6
60
18
7
8.8
6−5
80
18
7
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com