Electronic Components Datasheet Search
  English  ▼

X  

WM8233 Datasheet(PDF) 47 Page - Cirrus Logic

Part # WM8233
Description  210MSPS 6-Channel AFE with Sensor
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8233 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button WM8233 Datasheet HTML 43Page - Cirrus Logic WM8233 Datasheet HTML 44Page - Cirrus Logic WM8233 Datasheet HTML 45Page - Cirrus Logic WM8233 Datasheet HTML 46Page - Cirrus Logic WM8233 Datasheet HTML 47Page - Cirrus Logic WM8233 Datasheet HTML 48Page - Cirrus Logic WM8233 Datasheet HTML 49Page - Cirrus Logic WM8233 Datasheet HTML 50Page - Cirrus Logic WM8233 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 146 page
background image
WM8233
Rev 4.7
47
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R87 (57h)
7:4
AGCAVE[3:0]
0000
averaging factor before peak detection
0000 = no average, 0001 = 2, 0010 = 4, 0011 = 8
…, 1010
= 1024 (1011 = 1100 = 1101 = 1110 = 1111 = reserved)
2
AGC_ERRFLAG
0
AGC error flag
0 = no error detected, 1 = AGC finish with error
1
AGC_ENDFLAG
0
AGC end flag
0 = not end or not run, 1 = AGC sequence was done
0
AGC_EN
0
AGC enable
0 = disable, 1 = enable
R88 (58h)
6:4
AGC_DPD[2:0]
000
the number of peak detection iterations to calculate digital
gain
2:0
AGC_APD[2:0]
000
the number of peak detection iterations to calculate
analogue gain
R91 (5Bh)
7:0
AGC_TARGETIN1
[7:0]
0000_0000
LSB of AGC target level for IN1
R92 (5Ch)
1:0
AGC_TARGETIN1
[9:8]
00
MSB of AGC target level for IN1
R93 (5Dh)
7:0
AGC_TARGETIN2
[7:0]
0000_0000
LSB of AGC target level for IN2
R94 (5Eh)
1:0
AGC_TARGETIN2
[9:8]
00
MSB of AGC target level for IN2
R97 (61h)
7:0
AGC_TARGETIN3
[7:0]
0000_0000
LSB of AGC target level for IN3
R98 (62h)
1:0
AGC_TARGETIN3
[9:8]
00
MSB of AGC target level for IN3
R99 (63h)
7:0
AGC_TARGETIN4
[7:0]
0000_0000
LSB of AGC target level for IN4
R100 (64h)
1:0
AGC_TARGETIN4
[9:8]
00
MSB of AGC target level for IN4
R103 (67h)
7:0
AGC_TARGETIN5
[7:0]
0000_0000
LSB of AGC target level for IN5
R104 (68h)
1:0
AGC_TARGETIN5
[9:8]
00
MSB of AGC target level for IN5
R105 (69h)
7:0
AGC_TARGETIN6
[7:0]
0000_0000
LSB of AGC target level for IN6
R106 (6Ah)
1:0
AGC_TARGETIN6
[9:8]
00
MSB of AGC target level for IN6
R191 (BFh)
7:0
PEAKDET_RISE
[7:0]
0000_0000
LSB of PEAKDET_RISE[14:0]
peak detection start pixel count
R192 (C0h)
6:0
PEAKDET_RISE
[14:8]
000_0000
MSB of PEAKDET_RISE[14:0]
peak detection start pixel count
R193 (C1h)
7:0
PEAKDET_FALL
[7:0]
0000_0000
LSB of PEAKDET_FALL[14:0]
peak detection start pixel count
R194 (C2h)
6:0
PEAKDET_FALL
[14:8]
000_0000
MSB of PEAKDET_FALL[14:0]
peak detection start pixel count
LINE-BY-LINE OPERATION
Certain linear sensors give colour output on a line-by-line basis. i.e. a full line of red pixels followed by
a line of green pixels followed by a line of blue pixels.
The WM8233 can accommodate this type of input by setting the LINEBYLINE register bit high. The
offset and gain values that are applied to every input channel can be selected, by internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com