Electronic Components Datasheet Search
  English  ▼

X  

WM8233 Datasheet(PDF) 65 Page - Cirrus Logic

Part # WM8233
Description  210MSPS 6-Channel AFE with Sensor
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8233 Datasheet(HTML) 65 Page - Cirrus Logic

Back Button WM8233 Datasheet HTML 61Page - Cirrus Logic WM8233 Datasheet HTML 62Page - Cirrus Logic WM8233 Datasheet HTML 63Page - Cirrus Logic WM8233 Datasheet HTML 64Page - Cirrus Logic WM8233 Datasheet HTML 65Page - Cirrus Logic WM8233 Datasheet HTML 66Page - Cirrus Logic WM8233 Datasheet HTML 67Page - Cirrus Logic WM8233 Datasheet HTML 68Page - Cirrus Logic WM8233 Datasheet HTML 69Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 146 page
background image
WM8233
Rev 4.7
65
REG
NAME
7
6
5
4
3
2
1
0
DEFAULT
R191 (BFh) Peak_det rise LSB
PEAKDET_RISE[7:0]
00h
R192 (C0h) Peak_det rise MSB
0
PEAKDET_RISE[14:8]
00h
R193 (C1h) Peak_det fall LSB
PEAKDET_FALL[7:0]
00h
R194 (C2h) Peak_det fall MSB
0
PEAKDET_FALL[14:8]
00h
R195 (C3h) Mask pulse 1 rise LSB
M1_RISE[7:0]
00h
R196 (C4h) Mask pulse 1 rise MSB
0
M1_RISE[14:8]
00h
R197 (C5h) Mask pulse 1 fall LSB
M1_FALL[7:0]
00h
R198 (C6h) Mask pulse 1 fall MSB
0
M1_FALL[14:8]
00h
R199 (C7h) Mask pulse 2 rise LSB
M2_RISE[7:0]
00h
R200 (C8h) Mask pulse 2 rise MSB
0
M2_RISE[14:8]
00h
R201 (C9h) Mask pulse 2 fall LSB
M2_FALL[7:0]
00h
R202 (CAh) Mask pulse 2 fall MSB
0
M2_FALL[14:8]
00h
R203 (CBh) Mask pulse 3 rise LSB
M3_RISE[7:0]
00h
R204 (CCh) Mask pulse 3 rise MSB
0
M3_RISE[14:8]
00h
R205 (CDh) Mask pulse 3 fall LSB
M3_FALL[7:0]
00h
R206 (CEh) Mask pulse 3 fall MSB
0
M3_FALL[14:8]
00h
R207 (CFh) Toggle point 0 LSB
TP0[7:0]
00h
R208 (D0h) Toggle point 0 MSB
GEN_TP0
TP0[14:8]
00h
R209 (D1h) Toggle point 1 LSB
TP1[7:0]
00h
R210 (D2h) Toggle point 1 MSB
EN_TP1
TP1[14:8]
00h
R211 (D3h) Toggle point 2 LSB
TP2[7:0]
00h
R212 (D4h) Toggle point 2 MSB
EN_TP2
TP2[14:8]
00h
R213 (D5h) Toggle point 3 LSB
TP3[7:0]
00h
R214 (D6h) Toggle point 3 MSB
EN_TP3
TP3[14:8]
00h
R215 (D7h) Toggle point 4 LSB
TP4[7:0]
00h
R216 (D8h) Toggle point 4 MSB
EN_TP4
TP4[14:8]
00h
R217 (D9h) Toggle point 5 LSB
TP5[7:0]
00h
R218 (DAh) Toggle point 5 MSB
EN_TP5
TP5[14:8]
00h
R219 (DBh) Toggle point 6 LSB
TP6[7:0]
00h
R220 (DCh) Toggle point 6 MSB
EN_TP6
TP6[14:8]
00h
R221 (DDh) Toggle point 7 LSB
TP7[7:0]
00h
R222 (DEh) Toggle point 7 MSB
EN_TP7
TP7[14:8]
00h
R223 (DFh) Toggle point 8 LSB
TP8[7:0]
00h
R224 (E0h) Toggle point 8 MSB
EN_TP8
TP8[14:8]
00h
R225 (E1h) Toggle point 9 LSB
TP9[7:0]
00h
R226 (E2h) Toggle point 9 MSB
EN_TP9
TP9[14:8]
00h
R227 (E3h) Toggle point 10 LSB
TP10[7:0]
00h
R228 (E4h) Toggle point 10 MSB
EN_TP10
TP10[14:8]
00h
R229 (E5h) Toggle point 11 LSB
TP11[7:0]
00h
R230 (E6h) Toggle point 11 MSB
EN_TP11
TP11[14:8]
00h
R231 (E7h) Toggle point 12 LSB
TP12[7:0]
00h
R232 (E8h) Toggle point 12 MSB
EN_TP12
TP12[14:8]
00h
R233 (E9h) Toggle point 13 LSB
TP13[7:0]
00h
R234 (EAh) Toggle point 13 MSB
EN_TP13
TP13[14:8]
00h
R235 (EBh) Toggle point 14 LSB
TP14[7:0]
00h
R236 (ECh) Toggle point 14 MSB
EN_TP14
TP14[14:8]
00h
R237 (EDh) Toggle point 15 LSB
TP15[7:0]
00h
R238 (EEh) Toggle point 15 MSB
EN_TP15
TP15[14:8]
00h
R239 (EFh) Toggle point 16 LSB
TP16[7:0]
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com