Electronic Components Datasheet Search
  English  ▼

X  

WM8233 Datasheet(PDF) 75 Page - Cirrus Logic

Part # WM8233
Description  210MSPS 6-Channel AFE with Sensor
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8233 Datasheet(HTML) 75 Page - Cirrus Logic

Back Button WM8233 Datasheet HTML 71Page - Cirrus Logic WM8233 Datasheet HTML 72Page - Cirrus Logic WM8233 Datasheet HTML 73Page - Cirrus Logic WM8233 Datasheet HTML 74Page - Cirrus Logic WM8233 Datasheet HTML 75Page - Cirrus Logic WM8233 Datasheet HTML 76Page - Cirrus Logic WM8233 Datasheet HTML 77Page - Cirrus Logic WM8233 Datasheet HTML 78Page - Cirrus Logic WM8233 Datasheet HTML 79Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 146 page
background image
WM8233
Rev 4.7
75
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
000: Hi-Z
001: 1mA
010: 2mA
011: 3mA
100: 4mA
101: 5mA
110/111: 6mA
Register 12h CMOS drivability control 6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R19 (13h)
CMOS
drivability
control 7
6:4
OC2_DRV[2:0]
000
CMOS output (OC2) drivability
000: Hi-Z
001: 1mA
010: 2mA
011: 3mA
100: 4mA
101: 5mA
110/111: 6mA
2:0
OC1_DRV[2:0]
000
CMOS output (OC1) drivability
000: Hi-Z
001: 1mA
010: 2mA
011: 3mA
100: 4mA
101: 5mA
110/111: 6mA
Register 13h CMOS drivability control 7
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R20 (14h)
PG config
7
PGMARCH
0
pattern generator marching mode enable
0 = controlled by PGPAT
1 = marching pattern
6:5
PGPAT[1:0]
00
select pattern generator output
00 = fixed value
01 = vertical ramp
10 = horizontal ramp
11 = patch
4
PGINV
0
invert pattern generator output
0 = normal
1 = invert
3
SEL_PGZ
0
select output of pattern generator (IN5,6)
0 = normal ouput
1 = output generated digital pattern instead of ADC outputs
2
SEL_PGY
0
select output of pattern generator (IN3,4)
0 = normal ouput
1 = output generated digital pattern instead of ADC outputs
1
SEL_PGX
0
select output of pattern generator (IN1,2)
0 = normal ouput



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com