Electronic Components Datasheet Search
  English  ▼

X  

WM8233 Datasheet(PDF) 40 Page - Cirrus Logic

Part # WM8233
Description  210MSPS 6-Channel AFE with Sensor
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8233 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button WM8233 Datasheet HTML 36Page - Cirrus Logic WM8233 Datasheet HTML 37Page - Cirrus Logic WM8233 Datasheet HTML 38Page - Cirrus Logic WM8233 Datasheet HTML 39Page - Cirrus Logic WM8233 Datasheet HTML 40Page - Cirrus Logic WM8233 Datasheet HTML 41Page - Cirrus Logic WM8233 Datasheet HTML 42Page - Cirrus Logic WM8233 Datasheet HTML 43Page - Cirrus Logic WM8233 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 146 page
background image
WM8233
40
Rev 4.7
TG MASK TIMING
The WM8233 has a TG clock mask function. M1, M2 and M3 pulses specify the mask period; T1 and
T2 pulses are used for changing the signal polarity during the mask period. C_CK1 and C_CK2 are
applied to the M pulse only; they cannot be applied to the T pulse. C_CK3 and C_CK4 are applied to
M1 and T1; C_CK5 and C_CK6 are applied to M2 and T2. The mask timing is synchronized with
TGCKO rise edge.
N-1
N
CKGO3
(Internal)
VSMP
TGCK
pixcnt
TGCKO
N+1
M-2
N+2
M+1
C_CK3
M+2
M+3
M-1
N+3
k
M2@TGCK
M2@TGCK
O
rise@count N
High@TP2
CKGO3 + M2
T2@TGCK
T2@TGCK
O
Low@TP1
P1
TP1
P2
TP2
M
M-1
fall@count M-1
TP1
TP2
Figure 22 TG Mask Timing
TG CLOCK
APPLIED
“M” PULSE
APPLIED
“T” PULSE
C_CK1
C_CK2
M3
none
C_CK3
C_CK4
M1
T1
C_CK5
C_CK6
M2
T2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R195 (C3h)
7:0
M1_RISE[7:0]
0000_0000
M1 pulse rise count (mask start)
R196 (C4h)
6:0
M1_RISE[6:0]
000_0000
M1 pulse rise count (mask start)
R197 (C5h)
7:0
M1_FALL[7:0]
0000_0000
M1 pulse fall count (mask end)
R198 (C6h)
6:0
M1_FALL[6:0]
000_0000
M1 pulse fall count (mask end)
R199 (C7h)
7:0
M2_RISE[7:0]
0000_0000
M2 pulse rise count (mask start)
R200 (C8h)
6:0
M2_RISE[6:0]
000_0000
M2 pulse rise count (mask start)
R201 (C9h)
7:0
M2_FALL[7:0]
0000_0000
M2 pulse fall count (mask end)
R202 (CAh)
6:0
M2_FALL[6:0]
000_0000
M2 pulse fall count (mask end)
R203 (CBh)
7:0
M3_RISE[7:0]
0000_0000
M3 pulse rise count (mask start)
R204 (CCh)
6:0
M3_RISE[6:0]
000_0000
M3 pulse rise count (mask start)
R205 (CDh)
7:0
M3_FALL[7:0]
0000_0000
M3 pulse fall count (mask end)
R206 (CEh)
6:0
M3_FALL[6:0]
000_0000
M3 pulse fall count (mask end)
R271 (010Fh)
– R278 (116h)
7:0
POL*_T1
1111_1111
polarity of T1 pulse at TP*
7:0
POL*_T2
1111_1111
polarity of T2 pulse at TP*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com