Electronic Components Datasheet Search
  English  ▼

X  

WM8233 Datasheet(PDF) 37 Page - Cirrus Logic

Part # WM8233
Description  210MSPS 6-Channel AFE with Sensor
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8233 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button WM8233 Datasheet HTML 33Page - Cirrus Logic WM8233 Datasheet HTML 34Page - Cirrus Logic WM8233 Datasheet HTML 35Page - Cirrus Logic WM8233 Datasheet HTML 36Page - Cirrus Logic WM8233 Datasheet HTML 37Page - Cirrus Logic WM8233 Datasheet HTML 38Page - Cirrus Logic WM8233 Datasheet HTML 39Page - Cirrus Logic WM8233 Datasheet HTML 40Page - Cirrus Logic WM8233 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 146 page
background image
WM8233
Rev 4.7
37
Channel ID Setting Limitation
There are some noti
ces to assign channel ID. It’s depending on LVDS output format. (refer to
OUTPUT DATA FORMAT)
1) 10-bit 5pair mode LVDS output
In this mode, channel ID will be IN1 or IN4 only.
Case-1 ID indicate IN1
A
D5
S0
S1
S2
IN1[0]
IN1[1]
IN1[2]
IN1[3]
D4
IN1[4]
IN1[5]
IN1[6]
IN1[7]
IN1[8]
IN1[9]
S3
D3
S4
IN2[0]
IN2[1]
IN2[2]
IN2[3]
IN2[4]
IN2[5]
D2
IN2[6]
IN2[7]
IN2[8]
IN2[9]
IN3[0]
IN3[1]
IN3[2]
D1
IN3[3]
IN3[4]
IN3[5]
IN3[6]
IN3[7]
IN3[8]
IN3[9]
DCLK
H
H
L
L
L
H
H
Case-2 ID indicate IN4
B
D5
S0
S1
S2
IN4[0]
IN4[1]
IN4[2]
IN4[3]
D4
IN4[4]
IN4[5]
IN4[6]
IN4[7]
IN4[8]
IN4[9]
S3
D3
S4
IN5[0]
IN5[1]
IN5[2]
IN5[3]
IN5[4]
IN5[5]
D2
IN5[6]
IN5[7]
IN5[8]
IN5[9]
IN6[0]
IN6[1]
IN6[2]
D1
IN6[3]
IN6[4]
IN6[5]
IN6[6]
IN6[7]
IN6[8]
IN6[9]
DCLK
H
H
L
L
L
H
H
2) 16-bit 5pair mode LVDS output
In this mode, channel ID will be IN1 or IN3 or IN5.
A
D5
S0
S1
S2
IN1[0]
IN1[1]
IN1[2]
IN1[3]
D4
IN1[4]
IN1[5]
IN1[6]
IN1[7]
IN1[8]
IN1[9]
IN1[10]
D3
IN1[11]
IN1[12]
IN1[13]
IN1[14]
IN1[15]
IN2[0]
IN2[1]
D2
IN2[2]
IN2[3]
IN2[4]
IN2[5]
IN2[6]
IN2[7]
IN2[8]
D1
IN2[9]
IN2[10]
IN211]
IN2[12]
IN2[13]
IN2[14]
IN2[15]
DCLK
H
H
L
L
L
H
H
B
D5
S0
S1
S2
IN3[0]
IN3[1]
IN3[2]
IN3[3]
D4
IN3[4]
IN3[5]
IN3[6]
IN3[7]
IN3[8]
IN3[9]
IN3[10]
D3
IN3[11]
IN3[12]
IN3[13]
IN3[14]
IN3[15]
IN4[0]
IN4[1]
D2
IN4[2]
IN4[3]
IN4[4]
IN4[5]
IN4[6]
IN4[7]
IN4[8]
D1
IN4[9]
IN4[10]
IN411]
IN4[12]
IN4[13]
IN4[14]
IN4[15]
DCLK
H
H
L
L
L
H
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com