Electronic Components Datasheet Search
  English  ▼

X  

WM8233 Datasheet(PDF) 66 Page - Cirrus Logic

Part # WM8233
Description  210MSPS 6-Channel AFE with Sensor
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8233 Datasheet(HTML) 66 Page - Cirrus Logic

Back Button WM8233 Datasheet HTML 62Page - Cirrus Logic WM8233 Datasheet HTML 63Page - Cirrus Logic WM8233 Datasheet HTML 64Page - Cirrus Logic WM8233 Datasheet HTML 65Page - Cirrus Logic WM8233 Datasheet HTML 66Page - Cirrus Logic WM8233 Datasheet HTML 67Page - Cirrus Logic WM8233 Datasheet HTML 68Page - Cirrus Logic WM8233 Datasheet HTML 69Page - Cirrus Logic WM8233 Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 146 page
background image
WM8233
66
Rev 4.7
REG
NAME
7
6
5
4
3
2
1
0
DEFAULT
R240 (F0h) Toggle point 16 MSB
EN_TP16
TP16[14:8]
00h
R241 (F1h) Toggle point 17 LSB
TP17[7:0]
00h
R242 (F2h) Toggle point 17 MSB
EN_TP17
TP17[14:8]
00h
R243 (F3h) Toggle point 18 LSB
TP18[7:0]
00h
R244 (F4h) Toggle point 18 MSB
EN_TP18
TP18[14:8]
00h
R245 (F5h) Toggle point 19 LSB
TP19[7:0]
00h
R246 (F6h) Toggle point 19 MSB
EN_TP19
TP19[14:8]
00h
R247 (F7h) Toggle point 20 LSB
TP20[7:0]
00h
R248 (F8h) Toggle point 20 MSB
EN_TP20
TP20[14:8]
00h
R249 (F9h) Toggle point 21 LSB
TP21[7:0]
00h
R250 (FAh) Toggle point 21 MSB
EN_TP21
TP21[14:8]
00h
R251 (FBh) Toggle point 22 LSB
TP22[7:0]
00h
R252 (FCh) Toggle point 22 MSB
EN_TP22
TP22[14:8]
00h
R253 (FDh) Toggle point 23 LSB
TP23[7:0]
00h
R254 (FEh) Toggle point 23 MSB
EN_TP23
TP23[14:8]
00h
R255 (FFh) Toggle point 24 LSB
TP24[7:0]
00h
R256 (100h) Toggle point 24 MSB
EN_TP24
TP24[14:8]
00h
R257 (101h) Toggle point 25 LSB
TP25[7:0]
00h
R258 (102h) Toggle point 25 MSB
EN_TP25
TP25[14:8]
00h
R259 (103h) Toggle point 26 LSB
TP26[7:0]
00h
R260 (104h) Toggle point 26 MSB
EN_TP26
TP26[14:8]
00h
R261 (105h) Toggle point 27 LSB
TP27[7:0]
00h
R262 (106h) Toggle point 27 MSB
EN_TP27
TP27[14:8]
00h
R263 (107h) Toggle point 28 LSB
TP28[7:0]
00h
R264 (108h) Toggle point 28 MSB
EN_TP28
TP28[14:8]
00h
R265 (109h) Toggle point 29 LSB
TP29[7:0]
00h
R266 (10Ah) Toggle point 29 MSB
EN_TP29
TP29[14:8]
00h
R267 (10Bh) Toggle point 30 LSB
TP30[7:0]
00h
R268 (10Ch) Toggle point 30 MSB
EN_TP30
TP30[14:8]
00h
R269 (10Dh) Toggle point 31 LSB
TP31[7:0]
00h
R270 (10Eh) Toggle point 31 MSB
EN_TP31
TP31[14:8]
00h
R271 (10Fh) Polarity setting of T1 1
POL7_T1
POL6_T1
POL5_T1
POL4_T1
POL3_T1
POL2_T1
POL1_T1
POL0_T1
FFh
R272 (110h) Polarity setting of T1 2
POL15_T1
POL14_T1
POL13_T1
POL12_T1
POL11_T1
POL10_T1
POL9_T1
POL8_T1
FFh
R273 (111h) Polarity setting of T1 3
POL23_T1
POL22_T1
POL21_T1
POL20_T1
POL19_T1
POL18_T1
POL17_T1
POL16_T1
FFh
R274 (112h) Polarity setting of T1 4
POL31_T1
POL30_T1
POL29_T1
POL28_T1
POL27_T1
POL26_T1
POL25_T1
POL24_T1
FFh
R275 (113h) Polarity setting of T2 1
POL7_T2
POL6_T2
POL5_T2
POL4_T2
POL3_T2
POL2_T2
POL1_T2
POL0_T2
FFh
R276 (114h) Polarity setting of T2 2
POL15_T2
POL14_T2
POL13_T2
POL12_T2
POL11_T2
POL10_T2
POL9_T2
POL8_T2
FFh
R277 (115h) Polarity setting of T2 3
POL23_T2
POL22_T2
POL21_T2
POL20_T2
POL19_T2
POL18_T2
POL17_T2
POL16_T2
FFh
R278 (116h) Polarity setting of T2 4
POL31_T2
POL30_T2
POL29_T2
POL28_T2
POL27_T2
POL26_T2
POL25_T2
POL24_T2
FFh
R279 (117h) Polarity setting of P0 1
POL7_PO0
POL6_PO0
POL5_PO0
POL4_PO0
POL3_PO0
POL2_PO0
POL1_PO0
POL0_PO0
00h
R280 (118h) Polarity setting of P0 2
POL15_PO0
POL14_PO0
POL13_PO0
POL12_PO0
POL11_PO0
POL10_PO0
POL9_PO0
POL8_PO0
00h
R281 (119h) Polarity setting of P0 3
POL23_PO0
POL22_PO0
POL21_PO0
POL20_PO0
POL19_PO0
POL18_PO0
POL17_PO0
POL16_PO0
00h
R282 (11Ah) Polarity setting of P0 4
POL31_PO0
POL30_PO0
POL29_PO0
POL28_PO0
POL27_PO0
POL26_PO0
POL25_PO0
POL24_PO0
00h
R283 (11Bh) Polarity setting of P1 1
POL7_PO1
POL6_PO1
POL5_PO1
POL4_PO1
POL3_PO1
POL2_PO1
POL1_PO1
POL0_PO1
00h
R284 (11Ch) Polarity setting of P1 2
POL15_PO1
POL14_PO1
POL13_PO1
POL12_PO1
POL11_PO1
POL10_PO1
POL9_PO1
POL8_PO1
00h
R285 (11Dh) Polarity setting of P1 3
POL23_PO1
POL22_PO1
POL21_PO1
POL20_PO1
POL19_PO1
POL18_PO1
POL17_PO1
POL16_PO1
00h
R286 (11Eh) Polarity setting of P1 4
POL31_PO1
POL30_PO1
POL29_PO1
POL28_PO1
POL27_PO1
POL26_PO1
POL25_PO1
POL24_PO1
00h
R287 (11Fh) Polarity setting of P2 1
POL7_PO2
POL6_PO2
POL5_PO2
POL4_PO2
POL3_PO2
POL2_PO2
POL1_PO2
POL0_PO2
00h
R288 (120h) Polarity setting of P2 2
POL15_PO2
POL14_PO2
POL13_PO2
POL12_PO2
POL11_PO2
POL10_PO2
POL9_PO2
POL8_PO2
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com