Electronic Components Datasheet Search
  English  ▼

X  

WM8233 Datasheet(PDF) 6 Page - Cirrus Logic

Part # WM8233
Description  210MSPS 6-Channel AFE with Sensor
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8233 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button WM8233 Datasheet HTML 2Page - Cirrus Logic WM8233 Datasheet HTML 3Page - Cirrus Logic WM8233 Datasheet HTML 4Page - Cirrus Logic WM8233 Datasheet HTML 5Page - Cirrus Logic WM8233 Datasheet HTML 6Page - Cirrus Logic WM8233 Datasheet HTML 7Page - Cirrus Logic WM8233 Datasheet HTML 8Page - Cirrus Logic WM8233 Datasheet HTML 9Page - Cirrus Logic WM8233 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 146 page
background image
WM8233
6
Rev 4.7
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
VREF2C
Analogue output
Mid reference voltage.
This pin must be connected to AGND via a decoupling capacitor.
2
VRLC/VBIAS
Analogue I/O
Reference voltage input/output
3
VREF3C
Analogue output
Lower reference voltage.
This pin must be connected to AGND via a decoupling capacitor.
4
VREF1C
Analogue output
Upper reference voltage.
This pin must be connected to AGND via a decoupling capacitor.
5
SEN
Digital input
Enables the serial interface when high.
6
SDO
Digital output
Serial interface data output
7
SCK
Digital input
Serial interface clock.
8
SDI
Digital input
Serial interface data input
9
LDO2VDD
Supply
Analogue supply
10
LDO2GND
Supply
Analogue ground
11
LDO2VOUT
Supply
LDO output
This pin must be connected to AGND via a decoupling capacitor.
12
DSLCT2
Analogue input
Device select 2
13
MCLK
Analogue input
Master clock
14
DSLCT1
Analogue input
Device select 1
15
D5N/OP[9]
LVDS output
LVDS Data output 5
– Negative / CMOS output 9.
16
D5P/OP[8]
LVDS output
LVDS Data output 5
– Positive / CMOS output 8.
17
D4N/OP[7]
LVDS output
LVDS Data output 4
– Negative / CMOS output 7.
18
D4P/OP[6]
LVDS output
LVDS Data output 4
– Positive / CMOS output 6.
19
DCLKN/OC[2]
LVDS output
LVDS Clock Output
– Negative/ CMOS flag output.
20
DCLKP/OC[1]
LVDS output
LVDS Clock Output
– Positive/ CMOS clock output.
21
DBGND
Supply
Analogue ground
22
DBVDD
Supply
Analogue supply
23
D3N/OP[5]
LVDS output
LVDS Data output 3
– Negative / CMOS output 5.
24
D3P/OP[4]
LVDS output
LVDS Data output 3
– Positive / CMOS output 4.
25
D2N/OP[3]
LVDS output
LVDS Data output 2
– Negative / CMOS output 3.
26
D2P/OP[2]
LVDS output
LVDS Data output 2
– Positive / CMOS output 2.
27
D1N/OP[1]
LVDS output
LVDS Data output 1
– Negative / CMOS output 1.
28
D1P/OP[0]
LVDS output
LVDS Data output 1
– Positive / CMOS output 0.
29
HZCTRL
Digital input
Internal use only. Must be connected to AGND.
30
MON
Analogue output
Clock monitor
31
LDO1VOUT
Supply
LDO output.
This pin must be connected to AGND via a decoupling capacitor.
32
LDO1GND
Supply
Analogue ground
33
LDO1VDD
Supply
Analogue supply
34
TGSYNC
Digital I/O
Sensor Timing Sync pulse
35
CLK1
Digital output
Sensor Timing Output 1
36
CLK2
Digital output
Sensor Timing Output 2
37
CLK3
Digital output
Sensor Timing Output 3
38
CLK4
Digital output
Sensor Timing Output 4
39
CLK5
Digital output
Sensor Timing Output 5
40
CLK6
Digital output
Sensor Timing Output 6
41
CLK7
Digital output
Sensor Timing Output 7
42
CLK8
Digital output
Sensor Timing Output 8
43
CLK9
Digital output
Sensor Timing Output 9
44
CLK10
Digital output
Sensor Timing Output 10
45
CLK11
Digital output
Sensor Timing Output 11
46
AGND3
Supply
Analogue ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com