Electronic Components Datasheet Search
  English  ▼

X  

WM8233 Datasheet(PDF) 51 Page - Cirrus Logic

Part # WM8233
Description  210MSPS 6-Channel AFE with Sensor
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8233 Datasheet(HTML) 51 Page - Cirrus Logic

Back Button WM8233 Datasheet HTML 47Page - Cirrus Logic WM8233 Datasheet HTML 48Page - Cirrus Logic WM8233 Datasheet HTML 49Page - Cirrus Logic WM8233 Datasheet HTML 50Page - Cirrus Logic WM8233 Datasheet HTML 51Page - Cirrus Logic WM8233 Datasheet HTML 52Page - Cirrus Logic WM8233 Datasheet HTML 53Page - Cirrus Logic WM8233 Datasheet HTML 54Page - Cirrus Logic WM8233 Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 146 page
background image
WM8233
Rev 4.7
51
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (18h) PG
width 2
7:0
PGWIDTH2[7:0]
0000_0000
parameter of pattern generator
REGISTER SETTING PROCEDURE
OVERALL
Figure 35 shows the overall procedure for WM8233 register setting. Every register can be configured
without MCLK and TGSYNC input, but the following Note1~3 must be followed before starting normal
operation.
Sampling
configuration
Data output
configuration
Offset DAC
configuration
PGA
configuration
TG Clock/Pulse
configuration
PLL/DLL
Configuration(*3)
POWER ON
System Reset (*3)
Present External clock
MCLK (*1), TGSYNC (*2)
NORMAL OPERATION
Clamp
configuration(*4)
VRLC
configuration
Figure 35 Overall Procedure
Notes:
1.
MCLK must be present before System Reset. Also, System Reset must be done when MCLK is
interrupted during normal operation.
2.
TGSYNC input is required in TG slave mode. Also, this must be present before normal operation.
3.
System Reset must be done after PLL/DLL configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com