Electronic Components Datasheet Search
  English  ▼

X  

WM8233 Datasheet(PDF) 12 Page - Cirrus Logic

Part # WM8233
Description  210MSPS 6-Channel AFE with Sensor
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8233 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button WM8233 Datasheet HTML 8Page - Cirrus Logic WM8233 Datasheet HTML 9Page - Cirrus Logic WM8233 Datasheet HTML 10Page - Cirrus Logic WM8233 Datasheet HTML 11Page - Cirrus Logic WM8233 Datasheet HTML 12Page - Cirrus Logic WM8233 Datasheet HTML 13Page - Cirrus Logic WM8233 Datasheet HTML 14Page - Cirrus Logic WM8233 Datasheet HTML 15Page - Cirrus Logic WM8233 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 146 page
background image
WM8233
12
Rev 4.7
SIGNAL TIMING REQUIREMENTS
SERIAL CONTROL INTERFACE
SDO
(output)
tDL
SEN
(input)
SCK
(input)
SDI
(input)
tCSU
tSCH
tSCL
tSCY
tDHO
tDSU
tCHO
Figure 3 Serial Interface Timing
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SEN falling edge to SCK rising edge
tCSU
20
ns
SCK falling edge to SEN rising edge
tCHO
20
ns
SCK pulse cycle time
tSCY
83.3
ns
SCK pulse width low
tSCL
33
ns
SCK pulse width high
tSCH
33
ns
SDI to SCK set-up time
tDSU
20
ns
SDI to SCK hold time
tDHO
20
ns
SCK falling edge to SDO transition
tDL
33
ns
The internal control registers are programmable via the serial digital control interface. The register
contents can be read back via the serial interface on pin SDO.
It is recommended that a software reset is carried out after the power-up sequence, before writing to
any other register. This ensures that all registers are set to their default values.
DEVICE IDENTIFICATION
Up to 4 WM8233 devices can share a common set of serial interface pins. Each device on the
common interface bus must be given a different device ID. The device ID is set by the input pin
DSLCT2 and DSLCT1 as shown in Table 2.
DSLCT2
DSLCT1
DEVICE ID
(ID[1:0])
L
L
00
L
H
01
H
L
10
H
H
11
Table 2 Device Identification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com