Electronic Components Datasheet Search
  English  ▼

X  

WM8233 Datasheet(PDF) 80 Page - Cirrus Logic

Part # WM8233
Description  210MSPS 6-Channel AFE with Sensor
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8233 Datasheet(HTML) 80 Page - Cirrus Logic

Back Button WM8233 Datasheet HTML 76Page - Cirrus Logic WM8233 Datasheet HTML 77Page - Cirrus Logic WM8233 Datasheet HTML 78Page - Cirrus Logic WM8233 Datasheet HTML 79Page - Cirrus Logic WM8233 Datasheet HTML 80Page - Cirrus Logic WM8233 Datasheet HTML 81Page - Cirrus Logic WM8233 Datasheet HTML 82Page - Cirrus Logic WM8233 Datasheet HTML 83Page - Cirrus Logic WM8233 Datasheet HTML 84Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 146 page
background image
WM8233
80
Rev 4.7
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
AGAIN IN4
gain(V/V) = 0.6 + 0.3*AGAIN*[4:0]
Register 32h AGAIN IN4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R52 (34h)
AGAIN IN5
4:0
AGAININ5[4:0]
0_0001
PGA IN5 gain code
gain(V/V) = 0.6 + 0.3*AGAIN*[4:0]
Register 34h AGAIN IN5
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R53 (35h)
AGAIN IN6
4:0
AGAININ6[4:0]
0_0001
PGA IN6 gain code
gain(V/V) = 0.6 + 0.3*AGAIN*[4:0]
Register 35h AGAIN IN6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R56 (38h)
DGAIN IN1
LSB
7:4
DGAININ1[3:0]
0000
lower bits of digital gain IN1
1111_1111_1111 = 1.99[V/V]
...
1000_0000_0000 = 1.0[V/V]
...
0100_0000_0000 = 0.5[V/V]
0011_1111_1111 = reserved
…
0000_0000_0000 = reserved
Register 38h DGAIN IN1 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R57 (39h)
DGAIN IN1
MSB
7:0
DGAININ1
[11:4]
1000_0000
upper bits of digital gain IN1
1111_1111_1111 = 1.99[V/V]
...
1000_0000_0000= 1.0[V/V]
...
0100_0000_0000 = 0.5[V/V]
0011_1111_1111 = reserved
…
0000_0000_0000 = reserved
Register 39h DGAIN IN1 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R58 (3Ah)
DGAIN IN2
LSB
7:4
DGAININ2
[3:0]
0000
lower bits of digital gain IN2
1111_1111_1111 = 1.99[V/V]
...
1000_0000_0000 = 1.0[V/V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com