| Electronic Components Datasheet Search |
|
WM8233 Datasheet(PDF) 42 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8233 Datasheet(HTML) 42 Page - Cirrus Logic |
|
42 / 146 page ![]() WM8233 42 Rev 4.7 PROGRAMMABLE AUTOMATIC BLACK LEVEL CALIBRATION (BLC) The Programmable Automatic Black-Level Calibration (BLC) function is to adjust the D.C. offset of the output data such that the digital output code for black pixels is calibrated to a target black level value. The D.C. offset is determined during the optically-black pixels at the beginning of the linear sensor and removed during the image-pixels as shown in Figure 24. Black Pixel Period Image Pixel Period Determine Black Level Offset Remove Black Level Offset from Image Pixels Figure 24 Linear Sensor Model The automatic black level calibration operates assuming 12-bits ADC resolution. Adjustments to calculations must be made for different ADC resolutions. The black level calibration process occurs in two stages as shown in Figure 25 below: Coarse Adjust Calibration - This is a mixed signal loop which removes the coarse offset by adjusting the offset DAC. Fine Adjust Calibration - This is a digital loop which removes the remaining offset with better noise tolerance, utilising ADC over-range to improve the dynamic range of the system. TARGET BL Input Black Level V1 Adjusted ADC Output PGA ADC Offset DAC Mixed Signal LOOP Digits Coarse Adjust Calibration Fine Adjust Calibration Digital LOOP Digits Figure 25 BLC Top-Level Circuitry TARGET CODES The user must specify a target black level for each channel through the registers TARGETINP*. If, during the black-pixel period, the average ADC output code was, for example, 100 and the user specified the target black level code to be 10, the BLC circuitry would determine 90 codes should be subtracted from the ADC output. These 90 codes will then be subtracted from every image-pixel code output from the ADC. Note – changing the PGA gain affects the black-level through the device; the gain should therefore not be changed during a BLC procedure. If the PGA gain changes, then the BLC routine should be re- run. The automatic black level calibration feature operates with the assumption of a 12-bit ADC resolution. The register settings for Target Codes (TARGETINP*) should be set differently depending on the ADC |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |