Electronic Components Datasheet Search
  English  ▼

X  

WM8233 Datasheet(PDF) 64 Page - Cirrus Logic

Part # WM8233
Description  210MSPS 6-Channel AFE with Sensor
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8233 Datasheet(HTML) 64 Page - Cirrus Logic

Back Button WM8233 Datasheet HTML 60Page - Cirrus Logic WM8233 Datasheet HTML 61Page - Cirrus Logic WM8233 Datasheet HTML 62Page - Cirrus Logic WM8233 Datasheet HTML 63Page - Cirrus Logic WM8233 Datasheet HTML 64Page - Cirrus Logic WM8233 Datasheet HTML 65Page - Cirrus Logic WM8233 Datasheet HTML 66Page - Cirrus Logic WM8233 Datasheet HTML 67Page - Cirrus Logic WM8233 Datasheet HTML 68Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 146 page
background image
WM8233
64
Rev 4.7
REG
NAME
7
6
5
4
3
2
1
0
DEFAULT
R129 (81h) DLL config 2
0
0
LVDLGAIN[1:0]
0
0
LVDLLRST
LVDLLSTB
00h
R130 (82h) RSMP rise
0
0
RSMP_RISE[5:0]
1Ch
R131 (83h) RSMP fall
0
0
RSMP_FALL[5:0]
26h
R132 (84h) VSMP rise
0
0
VSMP_RISE[5:0]
37h
R133 (85h) VSMP fall
0
0
VSMP_FALL[5:0]
08h
R134 (86h) TGCKO rise
0
0
TCLKO_RISE[5:0]
37h
R135 (87h) CLK1 rise
0
0
CLK1_RISE[5:0]
0Ah
R136 (88h) CLK1 fall
0
0
CLK1_FALL[5:0]
19h
R137 (89h) CLK2 rise
0
0
CLK2_RISE[5:0]
19h
R138 (8Ah) CLK2fall
0
0
CLK2_FALL[5:0]
28h
R139 (8Bh) CLK3 rise
0
0
CLK3_RISE[5:0]
28h
R140 (8Ch) CLK3 fall
0
0
CLK3_FALL[5:0]
0Ah
R141 (8Dh) CLK4 rise
0
0
CLK4_RISE[5:0]
00h
R142 (8Eh) CLK4 fall
0
0
CLK4_FALL[5:0]
00h
R143 (8Fh) CLK5 rise
0
0
CLK5_RISE[5:0]
0Ah
R144 (90h) CLK5 fall
0
0
CLK5_FALL[5:0]
28h
R145 (91h) CLK6 rise
0
0
CLK6_RISE[5:0]
0Ah
R146 (92h) CLK6 fall
0
0
CLK6_FALL[5:0]
28h
R160 (A0h) TG config 1
OFFSET[3:0]
CYCMD
POLSYNC
TGMD
TG_EN
00h
R161 (A1h) TG config 2
LLENGTH[7:0]
00h
R162 (A2h) TG config 3
0
LLENGTH[14:8]
00h
R163 (A3h) TG config 4
FLAGPIX[7:0]
00h
R164 (A4h) TG config 5
0
FLAGPIX[14:8]
00h
R165 (A5h) TG config 6
OE_CLK8
OE_CLK7
OE_CLK6
OE_CLK5
OE_CLK4
OE_CLK3
OE_CLK2
OE_CLK1
FFh
R166 (A6h) TG config 7
0
0
0
0
0
OE_CLK11
OE_CLK10
OE_CLK9
07h
R167 (A7h) TG config 8
INV_CLK8
INV_CLK7
INV_CLK6
INV_CLK5
INV_CLK4
INV_CLK3
INV_CLK2
INV_CLK1
00h
R168 (A8h) TG config 9
0
0
0
0
0
INV_CLK11
INV_CLK10
INV_CLK9
00h
R169 (A9h) TG config 10
EN_CLK8
EN_CLK7
EN_CLK6
EN_CLK5
EN_CLK4
EN_CLK3
EN_CLK2
EN_CLK1
00h
R170 (AAh) TG config 11
0
0
0
0
0
EN_CLK11
EN_CLK10
EN_CLK9
00h
R171 (ABh) TG config 12
SEL_CLK3
SEL_PCK3[2:0]
SEL_CLK2
SEL_PCK2[2:0]
00h
R172 (ACh) TG config 13
SEL_CLK5
SEL_PCK5[2:0]
SEL_CLK4
SEL_PCK4[2:0]
00h
R173 (ADh) TG config 14
0
SEL_PCK7[2:0]
SEL_CLK6
SEL_PCK6[2:0]
00h
R174 (AEh) TG config 15
0
SEL_PCK9[2:0]
0
SEL_PCK8[2:0]
00h
R175 (AFh) TG config 16
0
SEL_PCK11[2:0]
0
SEL_PCK10[2:0]
00h
R176 (B0h) TG config 17
DEL_PCK5[1:0]
DEL_PCK4[1:0]
DEL_PCK3[1:0]
DEL_PCK2[1:0]
00h
R177 (B1h) TG config 18
DEL_PCK9[1:0]
DEL_PCK8[1:0]
DEL_PCK7[1:0]
DEL_PCK6[1:0]
00h
R178 (B2h) TG config 19
0
0
0
0
DEL_PCK11[1:0]
DEL_PCK10[1:0]
00h
R179 (B3h) TG config 20
0
0
0
INV_M3
INV_M2
INV_M1
INV_T2
INV_T1
00h
R180 (B4h) TG config 21
0
0
0
0
SEL_FLAG[3:0]
00h
R181 (B5h) TG config 22
0
CYCPAT_PO1[2:0]
0
CYCPAT_PO0[2:0]
00h
R182 (B6h) TG config 23
0
CYCPAT_PO3[2:0]
0
CYCPAT_PO2[2:0]
00h
R183 (B7h) TG config 24
0
CYCPAT_PO5[2:0]
0
CYCPAT_PO4[2:0]
00h
R184 (B8h) TG config 25
0
CYCPAT_PO7[2:0]
0
CYCPAT_PO6[2:0]
00h
R185 (B9h) Clamp enable rise LSB
CLAMP_RISE[7:0]
00h
R186 (BAh) Clamp enable rise MSB
0
CLAMP_RISE[14:8]
00h
R187 (BBh) Clamp enable fall LSB
CLAMP_FALL[7:0]
00h
R188 (BCh) Clamp enable fall MSB
0
CLAMP_FALL[14:8]
00h
R189 (BDh) OB start LSB
OB_START[7:0]
00h
R190 (BEh) OB start MSB
0
OB_START[14:8]
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com