Electronic Components Datasheet Search
  English  ▼

X  

WM8233 Datasheet(PDF) 69 Page - Cirrus Logic

Part # WM8233
Description  210MSPS 6-Channel AFE with Sensor
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8233 Datasheet(HTML) 69 Page - Cirrus Logic

Back Button WM8233 Datasheet HTML 65Page - Cirrus Logic WM8233 Datasheet HTML 66Page - Cirrus Logic WM8233 Datasheet HTML 67Page - Cirrus Logic WM8233 Datasheet HTML 68Page - Cirrus Logic WM8233 Datasheet HTML 69Page - Cirrus Logic WM8233 Datasheet HTML 70Page - Cirrus Logic WM8233 Datasheet HTML 71Page - Cirrus Logic WM8233 Datasheet HTML 72Page - Cirrus Logic WM8233 Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 146 page
background image
WM8233
Rev 4.7
69
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R5 (05h)
Setup Reg 3
4
SF_BYPLS
1
bypass level shift of VRLC source follower
0 = use level shifter
1 = bypass level shifter
3:2
PT_SF[1:0]
11
source follower power trim
00 = 1mA
01 = 2mA
10 = 3mA
11 = 4mA
1
SF_INP
0
control source follower on signal inputs INP*
0 = disabled
1 = enabled
0
SF_VRLC
0
control source follower on VRLC
0 = disabled
1 = enabled
Register 05h Setup Reg 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R6 (06h)
VRLC control
7
VRLCEN
1
enable for VRLC DAC
0 = disabled
1 = enabled
6:5
VRLC_ISEL
[1:0]
00
selects output current capability
00 = Up to 2mA
01 = Up to 3mA
10 = Up to 4mA
11 = reserved (Up to 2mA)
4:0
VRLC_VSEL
[4:0]
0_1010
VRLC output voltage setting
when VRLC_TOP_SEL=0 (AVDD)
3.3/AVDD * ( 0.2 + 0.09xVRLC_VSEL[4:0])
when VRLC_TOP_SEL=1 (1.6V)
1.6 - 0.048*(31-VRLC_VSEL[4:0])
Register 06h VRLC control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R7 (07h)
output control
7
OE_OP
0
output enable of dataout (CMOS/LVDS)
when HIZCTRL=0
0= Hi-Z
1= enable dataout
when HIZCTRL=1
OE_OP state is neglected and enable dataout
6
OUTPD
1
control data output
0 = enable data output
1 = mask data output (data out=0)
5
CMOSMODE
0
enable CMOS output mode
0 = LVDS output mode based on LVDSMODE[2:0]
1 = CMOS output mode
4
OUTSYNC
0
enable syncronous output mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com