Electronic Components Datasheet Search
  English  ▼

X  

WM8233 Datasheet(PDF) 59 Page - Cirrus Logic

Part # WM8233
Description  210MSPS 6-Channel AFE with Sensor
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8233 Datasheet(HTML) 59 Page - Cirrus Logic

Back Button WM8233 Datasheet HTML 55Page - Cirrus Logic WM8233 Datasheet HTML 56Page - Cirrus Logic WM8233 Datasheet HTML 57Page - Cirrus Logic WM8233 Datasheet HTML 58Page - Cirrus Logic WM8233 Datasheet HTML 59Page - Cirrus Logic WM8233 Datasheet HTML 60Page - Cirrus Logic WM8233 Datasheet HTML 61Page - Cirrus Logic WM8233 Datasheet HTML 62Page - Cirrus Logic WM8233 Datasheet HTML 63Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 146 page
background image
WM8233
Rev 4.7
59
DATA OUTPUT CONFIGURATION
Figure 47 shows the procedure for Data Output Configuration. WM8233 provides 10-bit CMOS output
and various LVDS output formats. See
“Output Data Format” section for details of LVDS and CMOS
output format.
DATA output configuration
Output mode
Selection
LVDS output
configuration
CMOS output
configuration
0x07[5]
CMOSMODE=0
0x07[5]
CMOSMODE=1
0x07[7] OE_OP=1
Data output enabled
Output pin
enabled
Data output
enabled
0x07[6] OUTPD=0
PLL/DLL
Configuration (*1)
Figure 47 Data Output Configuration
Notes: 1. For details, see
“PLL/DLL Configuration” section.
CMOS Output Configuration
Figure 48 shows the procedure for CMOS Output Configuration. Output drivability must be set when
CMOS output is selected. In CMOS output mode, flag signal will be output from DCLKN/OC[2] pin.
CMOS output configuration
0x0D[2:0] OP_DRV
Output drivability
configuration (*1)
0xB4[3:0]
SEL_FLAG
0xA3,0xA4 FLAGPIX
Flag output timing
configuration
Flag signal
Selection
PO* pulse
Flagpix
Flag output
(1 pixel period)
Flag output
(PO* period)
Line length
configuration
TG
enabled
0xA1,0xA2 LLENGTH
0xA0[0] TG_EN
TG mode
selection
Master mode
0xA0[1] TGMD=1
Slave mode
0xA0[1] TGMD=0
TG enabled (*2)
Output flag configuration
Use
flag signal
No
Yes
Figure 48 CMOS Output Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com