Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 209 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 209 Page - Texas Instruments

Back Button DM505 Datasheet HTML 205Page - Texas Instruments DM505 Datasheet HTML 206Page - Texas Instruments DM505 Datasheet HTML 207Page - Texas Instruments DM505 Datasheet HTML 208Page - Texas Instruments DM505 Datasheet HTML 209Page - Texas Instruments DM505 Datasheet HTML 210Page - Texas Instruments DM505 Datasheet HTML 211Page - Texas Instruments DM505 Datasheet HTML 212Page - Texas Instruments DM505 Datasheet HTML 213Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 290 page
background image
L
W
t
The resistance Rs of a plane conductor
for a unit length and unit width is called
the
(ohms per square).
surface resistivity
1
σ ×
×
Rs =
=
t
l
R = Rs
w
r
t
SPRS91v_PCB_STATIC_01
vdd
vdd_mpu
vss
SPRS91v_PCB_PHYS_05
209
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 7-2. Coplanar Shielding of Power Net Using Ground Guard-band
7.2.3
Step 3: Static Analysis
Delivering reliable power to circuits is always of critical importance because voltage drops (also known as
IR drops) can happen at every level within an electronic system, on-chip, within a package, and across the
board. Robust system performance can only be ensured by understanding how the system elements will
perform under typical stressful Use Cases. Therefore, it is a good practice to perform a Static or DC
Analysis.
Static or DC analysis and design methodology results in a PDN design that minimizes voltage or IR drops
across power and ground planes, traces and vias. This ensures the application processor’s internal
transistors will be operating within their specified voltage ranges for proper functionality. The amount of IR
drop that will be encounter is based upon amount power drawn for a desired Use Case and PCB trace
(widths, geometry and number of parallel traces) and via (size, type and number) characteristics.
Components that are distant from their power source are particularly susceptible to IR drop. Designs that
rely on battery power must minimize voltage drops to avoid unacceptable power loss that can negatively
impact system performance. Early assessments a PDN’s static (DC) performance helps to determine
basic power distribution parameters such as best system input power point, optimal PCB layer stackup,
and copper area needed for load currents.
Figure 7-3. Depiction of Sheet Resistivity and Resistance
Ohm’s Law (V = I × R) relates conduction current to voltage drop. At DC, the relation coefficient is a
constant and represents the resistance of the conductor. Even current carrying conductors will dissipate
power at high currents even though their resistance may be very small. Both voltage drop and power
dissipation are proportional to the resistance of the conductor.
Figure 7-4 shows a PCB-level static IR drop budget defined between the power management device
(PMIC) pins and the application processor’s balls when the PMIC is supplying power.
•
It is highly recommended to physically place the PMIC as close as possible to the processor and on
the same side. The orientation of the PMIC vs. the processor should be aligned to minimize distance
for the highest current rail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com