Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 210 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 210 Page - Texas Instruments

Back Button DM505 Datasheet HTML 206Page - Texas Instruments DM505 Datasheet HTML 207Page - Texas Instruments DM505 Datasheet HTML 208Page - Texas Instruments DM505 Datasheet HTML 209Page - Texas Instruments DM505 Datasheet HTML 210Page - Texas Instruments DM505 Datasheet HTML 211Page - Texas Instruments DM505 Datasheet HTML 212Page - Texas Instruments DM505 Datasheet HTML 213Page - Texas Instruments DM505 Datasheet HTML 214Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 290 page
background image
BGA pad on PCB
Source Component
Load Component
Static IR drop and Effective Resistance
PCB
SPRS977_PCB_STATIC_02
210
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 7-4. Static IR Drop Budget for PCB Only
The system-level IR drop budget is made up of three portions: on-chip, package, and PCB board. Static IR
or dc analysis/design methodology consists of designing the PDN such that the voltage drop (under dc
operating conditions) across power and ground pads of the transistors of the application processor device
is within a specified value of the nominal voltage for proper functionality of the device.
A PCB system-level voltage drop budget for proper device functionality is typically 1.5% of nominal
voltage. For a 1.35-V supply, this would be
≤20 mV.
To accurately analyze PCB static IR drop, the actual geometry of the PDN must be modeled properly and
simulated to accurately characterize long distribution paths, copper weight impacts, electro-migration
violations of current-carrying vias, and "Swiss-cheese” effects via placement has on power rails. It is
recommended to perform the following analyses:
•
Lumped resistance/IR drop analysis
•
Distributed resistance/IR drop analysis
NOTE
The PMIC companion device supporting Processor has been designed with voltage sensing
feedback loop capabilities that enable a remote sense of the SMPS output voltage at the
point of use.
The NOTE above means the SMPS feedback signals and returns must be routed across PCB and
connected to the Device input power ball for which a particular SMPS is supplying power. This feedback
loop provides compensation for some of the voltage drop encountered across the PDN within limits. As
such, the effective resistance of the PDN within this loop should be determined in order to optimize
voltage compensation loop performance. The resistance of two PDN segments are of interest: one from
the power inductor/bulk power filtering capacitor node to the Processor’s input power and second is the
entire PDN route from SMPS output pin/ball to the Processor input power.
In the following sections each methodology is described in detail and an example has been provided of
analysis flow that can be used by the PCB designer to validate compliance to the requirements on their
PCB PDN design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com