Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 213 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 213 Page - Texas Instruments

Back Button DM505 Datasheet HTML 209Page - Texas Instruments DM505 Datasheet HTML 210Page - Texas Instruments DM505 Datasheet HTML 211Page - Texas Instruments DM505 Datasheet HTML 212Page - Texas Instruments DM505 Datasheet HTML 213Page - Texas Instruments DM505 Datasheet HTML 214Page - Texas Instruments DM505 Datasheet HTML 215Page - Texas Instruments DM505 Datasheet HTML 216Page - Texas Instruments DM505 Datasheet HTML 217Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 290 page
background image
Trace
Pad
Via
Mounting geometry for reduced inductance
Via-in-pad
SPRS91v_PCB_FREQ_04
213
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2017, Texas Instruments Incorporated
Because a capacitor has series inductance and resistance that impacts its effectiveness, it is important
that the following recommendations are adopted in placing capacitors on the PDN.
Wherever possible, mount the capacitor with the geometry that minimizes the mounting inductance and
resistance. This was shown earlier in Figure 7-1. The capacitor mounting inductance and resistance
values include the inductance and resistance of the pads, trace, and vias. Whenever possible, use
footprints that have the lowest inductance configuration as shown in Figure 7-9
The length of a trace used to connect a capacitor has a big impact on parasitic inductance and resistance
of the mounting. This trace must be as short and as wide as possible. wherever possible, minimize
distance to supply and Gnd vias by locating vias nearby or within the capacitor’s solder pad landing.
Further improvements can be made to the mounting by placing vias to the side of capacitor lands or
doubling the number of vias as shown in Figure 7-9. If the PCB manufacturing processes allow it and if
cost-effective, via-in-pad (VIP) geometries are strongly recommended.
In addition to mounting inductance and resistance associated with placing a capacitor on the PCB, the
effectiveness of a decoupling capacitor also depends on the spreading inductance and resistance that the
capacitor sees with respect to the load. The spreading inductance and resistance is strongly dependent on
the layer assignment in the PCB stack-up. Therefore, try to minimize X, Y and Z dimensions where the Z
is due to PCB thickness (as shown in Figure 7-9).
From left (highest inductance) to right (lowest inductance) the capacitor footprint types shown in Figure 7-
9 are known as:
•
2-via, Skinny End Exit (2vSEE)
•
2-via, Wide End Exit (2vWEE)
•
2-via, Wide Side Exit (2vWSE)
•
4-via, Wide Side Exit (4vWSE)
•
2-via, In-Pad (2vIP)
Figure 7-9. Capacitor Placement Geometry for Improved Mounting Inductance
NOTE
Evaluation of loop inductance values for decoupling capacitor footprints 2vSEE (worst case)
vs 4vWSE (2nd best) has shown a 30% reduction in inductance when 4vWSE footprint was
used in place of 2vSEE.
Decoupling Capacitor (Dcap) Strategy:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com