Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 138 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 138 Page - Texas Instruments

Back Button DM505 Datasheet HTML 134Page - Texas Instruments DM505 Datasheet HTML 135Page - Texas Instruments DM505 Datasheet HTML 136Page - Texas Instruments DM505 Datasheet HTML 137Page - Texas Instruments DM505 Datasheet HTML 138Page - Texas Instruments DM505 Datasheet HTML 139Page - Texas Instruments DM505 Datasheet HTML 140Page - Texas Instruments DM505 Datasheet HTML 141Page - Texas Instruments DM505 Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 290 page
background image
138
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
5.9.6.7
GP Timers
The device has eight GP timers: TIMER1 through TIMER8.
•
TIMER1 (1-ms tick) includes a specific function to generate accurate tick interrupts to the operating
system and it belongs to the PD_WKUPAON domain.
•
TIMER2 through TIMER8 belong to the PD_COREAON module.
Each timer can be clocked from the system clock (19.2, 20, or 27 MHz) or the 32-kHz clock. Select the
clock source at the power, reset, and clock management (PRCM) module level.
Each timer provides an interrupt through the device IRQ_CROSSBAR.
Each timer is connected to an external pin by their PWM output or their event capture input pin (for
external timer triggering).
5.9.6.7.1 GP Timer Features
The following are the main features of the GP timer controllers:
•
Level 4 (L4) slave interface support:
–
32-bit data bus width
–
32- or 16-bit access supported
–
8-bit access not supported
–
10-bit address bus width
–
Burst mode not supported
–
Write nonposted transaction mode supported
•
Interrupts generated on overflow, compare, and capture
•
Free-running 32-bit upward counter
•
Compare and capture modes
•
Autoreload mode
•
Start and stop mode
•
Programmable divider clock source (2n, where n = [0:8])
•
Dedicated input trigger for capture mode and dedicated output trigger/PWM signal
•
Dedicated GP output signal for using the TIMERi_GPO_CFG signal
•
On-the-fly read/write register (while counting)
•
1-ms tick with 32.768-Hz functional clock generated (only TIMER1)
5.9.6.8
I2C
The device includes 2 inter-integrated circuit (I2C) modules which provide an interface to other devices
compliant with Philips Semiconductors Inter-IC bus (I2C-bus™) specification version 2.1. External
components attached to this 2-wire serial bus can transmit/receive 8-bit data to/from the device through
the I2C module.
NOTE
Note that, I2C1 and I2C2, due to characteristics of the open drain IO cells, HS mode is not
supported.
NOTE
Inter-integrated circuit i (i=1 to 2) module is also referred to as I2Ci.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com