Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 141 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 141 Page - Texas Instruments

Back Button DM505 Datasheet HTML 137Page - Texas Instruments DM505 Datasheet HTML 138Page - Texas Instruments DM505 Datasheet HTML 139Page - Texas Instruments DM505 Datasheet HTML 140Page - Texas Instruments DM505 Datasheet HTML 141Page - Texas Instruments DM505 Datasheet HTML 142Page - Texas Instruments DM505 Datasheet HTML 143Page - Texas Instruments DM505 Datasheet HTML 144Page - Texas Instruments DM505 Datasheet HTML 145Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 290 page
background image
25
23
19
18
22
27
20
21
17
18
28
Stop
Start
Repeated
Start
Stop
I2Ci_SDA
I2Ci_SCL
16
26
24
SPRS91v_I2C_02
141
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
(1) Cb = total capacitance of one bus line in pF. If mixed with HS-mode devices, faster fall-times are allowed.
(2) Software must properly configure the I2C module registers to achieve the timings shown in this table. See the Device TRM for details.
Figure 5-33. I2C Transmit Timing
5.9.6.9
UART
The UART performs serial-to-parallel conversions on data received from a peripheral device and parallel-
to-serial conversion on data received from the CPU. There are 3 UART modules in the device. Each
UART can be used for configuration and data exchange with a number of external peripheral devices or
interprocessor communication between devices.
The UARTi (where i = 1 to 3) include the following features:
•
16C750 compatibility
•
64-byte FIFO buffer for receiver and 64-byte FIFO for transmitter
•
Baud generation based on programmable divisors N (where N = 1…16 384) operating from a fixed
functional clock of 48 MHz or 192 MHz
•
Break character detection and generation
•
Configurable data format:
–
Data bit: 5, 6, 7, or 8 bits
–
Parity bit: Even, odd, none
–
Stop-bit: 1, 1.5, 2 bit(s)
•
Flow control: Hardware (RTS/CTS) or software (XON/XOFF)
NOTE
For more information, see the UART section of the Device TRM.
Table 5-43, Table 5-44 and Figure 5-34 assume testing over the recommended operating conditions and
electrical characteristic conditions below.
Table 5-43. Timing Requirements for UART
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
4
tw(RX)
Pulse width, receive data bit, 15/30/100pF high or low
0.96U(1)
1.05U(1)
ns
5
tw(CTS)
Pulse width, receive start bit, 15/30/100pF high or low
0.96U(1)
1.05U(1)
ns
td(RTS-TX)
Delay time, transmit start bit to transmit data
P(2)
ns
td(CTS-TX)
Delay time, receive start bit to transmit data
P(2)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com