Electronic Components Datasheet Search
  English  ▼

X  

AD9653 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9653
Description  Analog-to-Digital Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9653 Datasheet(HTML) 4 Page - Analog Devices

  AD9653 Datasheet HTML 1Page - Analog Devices AD9653 Datasheet HTML 2Page - Analog Devices AD9653 Datasheet HTML 3Page - Analog Devices AD9653 Datasheet HTML 4Page - Analog Devices AD9653 Datasheet HTML 5Page - Analog Devices AD9653 Datasheet HTML 6Page - Analog Devices AD9653 Datasheet HTML 7Page - Analog Devices AD9653 Datasheet HTML 8Page - Analog Devices AD9653 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Data Sheet
AD9653
Rev. E | Page 3 of 41
REVISION HISTORY
3/16—Rev. D to Rev. E
Changes to General Description Section .......................................1
Changes to Figure 15 ......................................................................15
Changes to Table 13 ........................................................................29
11/15—Rev. C to Rev. D
Changes to General Description Section .......................................1
Added Note 4, Table 6.......................................................................8
Changes to Digital Outputs and Timing Section........................28
8/15—Rev. B to Rev. C
Change to Applications Section ......................................................1
Change to Jitter Considerations Section ......................................25
7/15—Rev. A to Rev. B
Added Patent Note, Note 1...............................................................1
Change to Applications Section and General Description
Section ................................................................................................1
Change to Effective Number of Bits (ENOB) Parameter,
Table 3.................................................................................................5
Changes to Table 5 ............................................................................7
Change to Table 8............................................................................11
Changes to Reading the Memory Map Register Table Section
and Channel-Specific Registers Section.......................................32
Changes to Table 19 ........................................................................33
Changes to Device Index (Register 0x04, Register 0x05)
Section ..............................................................................................36
Changes to Clock Stability Considerations Section....................38
11/14—Rev. 0 to Rev. A
Changed Output Voltage (1.0 V Mode) from 1.01 V to
1.02 V (max); Table 1........................................................................3
Changes to Table 3 ............................................................................5
Added tPD of 1.5 ns (min) and 3.1 ns (max); Table 6 ....................8
Changed tSSYNC from 0.24 ns (typ) to 1.2 ns (min) and Changed
tHSYNC from 0.40 ns (typ) to −0.2 ns (min); Table 7.......................9
Changes to Table 10 ........................................................................12
Changes to Clock Input Options Section ....................................24
Changes to Digital Outputs and Timing Section........................27
Changes to Table 13 ........................................................................28
Changes to Table 14 ........................................................................29
Changes to Channel-Specific Registers Section .........................32
Changes to Register 0x14 Bit 1 and Default Value .....................34
Changes to Register 0x16; Bits[6:4]—Input Clock Phase Adjust
Section and Sample Rate Override (Register 0x100) Section ...37
Added Clock Stability Considerations Section ...........................38
5/12—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com