Electronic Components Datasheet Search
  English  ▼

X  

AD9653 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9653
Description  Analog-to-Digital Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9653 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9653 Datasheet HTML 10Page - Analog Devices AD9653 Datasheet HTML 11Page - Analog Devices AD9653 Datasheet HTML 12Page - Analog Devices AD9653 Datasheet HTML 13Page - Analog Devices AD9653 Datasheet HTML 14Page - Analog Devices AD9653 Datasheet HTML 15Page - Analog Devices AD9653 Datasheet HTML 16Page - Analog Devices AD9653 Datasheet HTML 17Page - Analog Devices AD9653 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Data Sheet
AD9653
Rev. E | Page 13 of 41
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
VIN+A
VIN–A
AVDD
4
PDWN
5
CSB
6
SDIO/OLM
7
SCLK/DTP
25
D0+D
26
D0–D
27
D1+D
28
D1–D
29
DRVDD
30
AVDD
31
CLK+
32
CLK–
33
AVDD
34
AVDD
35
VIN–D
36
VIN+D
8
DRVDD
9
D0+A
10
D0–A
11
D1+A
12
D1–A
AD9653
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED THERMAL PAD ON THE BOTTOM OF THE
PACKAGE PROVIDES THE ANALOG GROUND FOR THE PART.
THIS EXPOSED PAD MUST BE CONNECTED TO GROUND FOR
PROPER OPERATION.
Figure 6. 48-Lead LFCSP Pin Configuration, Top View
Table 10. Pin Function Descriptions
Pin No.
Mnemonic
Description
0
AGND,
Exposed Pad
Analog Ground, Exposed Pad. The exposed thermal pad on the bottom of the package provides the analog
ground for the part. This exposed pad must be connected to ground for proper operation.
1
VIN+D
ADC D Analog Input True.
2
VIN−D
ADC D Analog Input Complement.
3, 4, 7, 34, 39, 45, 46
AVDD
1.8 V Analog Supply Pins.
5, 6
CLK−, CLK+
Differential Encode Clock. PECL, LVDS, or 1.8 V CMOS inputs.
8, 29
DRVDD
Digital Output Driver Supply.
9, 10
D1−D, D1+D
Channel D Digital Outputs, (Disabled in One-Lane Mode1).
11, 12
D0−D, D0+D
Channel D Digital Outputs, (disabled in One-Lane Mode1).
13, 14
D1−C, D1+C
Channel C Digital Outputs, (Channel D Digital Outputs in One-Lane Mode1).
15, 16
D0−C, D0+C
Channel C Digital Outputs.
17, 18
DCO−, DCO+
Data Clock Outputs.
19, 20
FCO−, FCO+
Frame Clock Outputs.
21, 22
D1−B, D1+B
Channel B Digital Outputs.
23, 24
D0−B, D0+B
Channel B Digital Outputs, (Channel A Digital Outputs in One-Lane Mode1).
25, 26
D1−A, D1+A
Channel A Digital Outputs, (Disabled in One-Lane Mode1).
27, 28
D0−A, D0+A
Channel A Digital Outputs, (Disabled in One-Lane Mode1).
30
SCLK/DTP
SPI Clock Input/Digital Test Pattern.
31
SDIO/OLM
SPI Data Input and Output Bidirectional SPI Data/Output Lane Mode.
32
CSB
SPI Chip Select Bar. Active low enable; 30 kΩ internal pull-up.
33
PDWN
Digital Input, 30 kΩ Internal Pull-Down.
PDWN high = power-down device.
PDWN low = run device, normal operation.
35
VIN−A
ADC A Analog Input Complement.
36
VIN+A
ADC A Analog Input True.
37
VIN+B
ADC B Analog Input True.
38
VIN−B
ADC B Analog Input Complement.
40
RBIAS
Sets Analog Current Bias. Connect to 10 kΩ (1% tolerance) resistor to ground.
41
SENSE
Reference Mode Selection.
42
VREF
Voltage Reference Input and Output.
43
VCM
Analog Input Common-Mode Voltage.
44
SYNC
Digital Input. SYNC input to clock divider.
47
VIN−C
ADC C Analog Input Complement.
48
VIN+C
ADC C Analog Input True.
1
Output channel assignments are shown first for THE default two-lane mode. If one-lane mode is used, output channel assignments change as indicated in parenthesis.
Register 0x21 Bits[6:4] invoke one-lane mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com