Electronic Components Datasheet Search
  English  ▼

X  

AD9653 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9653
Description  Analog-to-Digital Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9653 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9653 Datasheet HTML 25Page - Analog Devices AD9653 Datasheet HTML 26Page - Analog Devices AD9653 Datasheet HTML 27Page - Analog Devices AD9653 Datasheet HTML 28Page - Analog Devices AD9653 Datasheet HTML 29Page - Analog Devices AD9653 Datasheet HTML 30Page - Analog Devices AD9653 Datasheet HTML 31Page - Analog Devices AD9653 Datasheet HTML 32Page - Analog Devices AD9653 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
AD9653
Data Sheet
Rev. E | Page 28 of 41
D0 400mV/DIV
D1 400mV/DIV
DCO 400mV/DIV
FCO 400mV/DIV
4ns/DIV
Figure 72. LVDS Output Timing Example in Reduced Range Mode
An example of the LVDS output using the ANSI-644 standard
(default) data eye and a time interval error (TIE) jitter histo-
gram with trace lengths less than 24 inches on standard FR-4
material is shown in Figure 73.
6k
7k
1k
2k
3k
5k
4k
0
200ps
250ps
300ps
350ps
400ps
450ps
500ps
500
400
300
200
100
–500
–400
–300
–200
–100
0
–0.8ns
–0.4ns
0ns
0.4ns
0.8ns
EYE: ALL BITS
ULS: 7000/400354
Figure 73. Data Eye for LVDS Outputs in ANSI-644 Mode with Trace Lengths
Less than 24 Inches on Standard FR-4 Material, External 100 Ω Far-End
Termination Only
500
400
300
200
100
–500
–400
–300
–200
–100
0
–0.8ns
–0.4ns
0ns
0.4ns
–0.8ns
EYE: ALL BITS
ULS: 8000/414024
10k
12k
2k
4k
6k
8k
0k
–800ps –600ps –400ps –200ps
0ps
200ps
400ps
600ps
Figure 74. Data Eye for LVDS Outputs in ANSI-644 Mode with Trace Lengths
Greater than 24 Inches on Standard FR-4 Material, External 100 Ω Far-End
Termination Only
Figure 74 shows an example of trace lengths exceeding 24 inches
on standard FR-4 material. Notice that the TIE jitter histogram
reflects the decrease of the data eye opening as the edge deviates
from the ideal position.
It is the user’s responsibility to determine if the waveforms meet
the timing budget of the design when the trace lengths exceed
24 inches. Additional SPI options allow the user to further
increase the internal termination (increasing the current) of all
four outputs to drive longer trace lengths. This can be achieved by
programming Register 0x15. Even though this produces sharper
rise and fall times on the data edges and is less prone to bit
errors, the power dissipation of the DRVDD supply increases
when this option is used.
The format of the output data is twos complement by default.
An example of the output coding format can be found in Table 12.
To change the output data format to offset binary, see the
Memory Map section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com