Electronic Components Datasheet Search
  English  ▼

X  

AD9653 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9653
Description  Analog-to-Digital Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9653 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9653 Datasheet HTML 21Page - Analog Devices AD9653 Datasheet HTML 22Page - Analog Devices AD9653 Datasheet HTML 23Page - Analog Devices AD9653 Datasheet HTML 24Page - Analog Devices AD9653 Datasheet HTML 25Page - Analog Devices AD9653 Datasheet HTML 26Page - Analog Devices AD9653 Datasheet HTML 27Page - Analog Devices AD9653 Datasheet HTML 28Page - Analog Devices AD9653 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
AD9653
Data Sheet
Rev. E | Page 24 of 41
ADC
R
0.1µF
0.1µF
2V p-p
VCM
C
*C1
*C1
C
R
0.1µF
0.1µF
0.1µF
33Ω
200Ω
33Ω
33Ω
33Ω
VIN+x
VIN–x
ET1-1-I3
C
C
5pF
R
*C1 IS OPTIONAL
Figure 56. Differential Double Balun Input Configuration for Baseband Applications
2V p-p
R
R
*C1
*C1 IS OPTIONAL
49.9Ω
0.1μF
ADT1-1WT
1:1 Z RATIO
VIN–x
ADC
VIN+x
*C1
C
VCM
33Ω
33Ω
200Ω
0.1µF
5pF
Figure 57. Differential Transformer-Coupled Configuration
for Baseband Applications
If the internal reference of the AD9653 is used to drive multiple
converters to improve gain matching, the loading of the reference
by the other converters must be considered. Figure 58 and
Figure 59 show how the internal reference voltage is affected by
loading.
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
–4.5
–5.0
0
3.0
2.5
2.0
1.5
1.0
0.5
LOAD CURRENT (mA)
INTERNAL VREF = 1.0V
Figure 58. VREF = 1.0 V Error vs. Load Current
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
0
3.0
2.5
2.0
1.5
1.0
0.5
LOAD CURRENT (mA)
INTERNAL VREF = 1.3V
Figure 59. VREF =1.3 V Error vs. Load Current
External Reference Operation
The use of an external reference may be necessary to enhance
the gain accuracy of the ADC or improve thermal drift charac-
teristics. Figure 60 and Figure 61 show the typical drift characteris-
tics of the internal reference in 1.0 V mode and programmable
1.3 V mode, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com