Electronic Components Datasheet Search
  English  ▼

X  

AD9653 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9653
Description  Analog-to-Digital Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9653 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9653 Datasheet HTML 26Page - Analog Devices AD9653 Datasheet HTML 27Page - Analog Devices AD9653 Datasheet HTML 28Page - Analog Devices AD9653 Datasheet HTML 29Page - Analog Devices AD9653 Datasheet HTML 30Page - Analog Devices AD9653 Datasheet HTML 31Page - Analog Devices AD9653 Datasheet HTML 32Page - Analog Devices AD9653 Datasheet HTML 33Page - Analog Devices AD9653 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Data Sheet
AD9653
Rev. E | Page 29 of 41
Data from each ADC is serialized and provided on a separate
channel in two lanes in DDR mode. The data rate for each serial
stream is equal to 16 bits times the sample clock rate divided by
the number of lanes, with a maximum of 1000 Mbps/lane
[(16 bits × 125 MSPS)/2 = 1000 Mbps/lane]. The maximum
allowable output data rate is 1 Gbps/lane. If one-lane mode is used,
the data rate doubles for a given sample rate. To stay within the
maximum data rate of 1 Gbps/lane, the sample rate is limited to a
maximum of 62.5 MSPS in one-lane output mode. The lowest
typical conversion rate is 20 MSPS.
Two output clocks are provided to assist in capturing data from
the AD9653. The DCO is used to clock the output data and is
equal to four times the sample clock (CLK) rate for the default
mode of operation. Data is clocked out of the AD9653 and must
be captured on the rising and falling edges of the DCO that
supports double data rate (DDR) capturing. The FCO is used to
signal the start of a new output byte and is equal to the sample
clock rate in 1× frame mode. See the Timing Diagrams section
for more information.
When the SPI is used, the DCO phase can be adjusted in 60°
increments relative one data cycle (30° relative to one DCO
cycle). This enables the user to refine system timing margins if
required. The default DCO+ and DCO− timing, as shown in
Figure 2, is 180° relative to one data cycle (90° relative to one
DCO cycle).
In default mode, as shown in Figure 2, the MSB is first in the
data output serial stream. This can be inverted so that the LSB
is first in the data output serial stream by using the SPI.
There are 12 digital output test pattern options available that
can be initiated through the SPI. This is a useful feature when
validating receiver capture and timing. Refer to Table 13 for the
output bit sequencing options available. Some test patterns have
two serial sequential words and can be alternated in various ways,
depending on the test pattern chosen. Note that some patterns
do not adhere to the data format select option. In addition,
custom user-defined test patterns can be assigned in the 0x19,
0x1A, 0x1B, and 0x1C register addresses.
Table 12. Digital Output Coding
Input (V)
Condition (V)
Offset Binary Output Mode
Twos Complement Mode
VIN+ − VIN−
<−VREF − 0.5 LSB
0000 0000 0000 0000
1000 0000 0000 0000
VIN+ − VIN−
−VREF
0000 0000 0000 0000
1000 0000 0000 0000
VIN+ − VIN−
0 V
1000 0000 0000 0000
0000 0000 0000 0000
VIN+ − VIN−
+VREF − 1.0 LSB
1111 1111 1111 1111
0111 1111 1111 1111
VIN+ − VIN−
>+VREF − 0.5 LSB
1111 1111 1111 1111
0111 1111 1111 1111
Table 13. Flexible Output Test Modes
Output Test
Mode Bit
Sequence
Pattern Name
Digital Output Word 1
Digital Output Word 2
Subject to
Data Format
Select
Notes
0000
Off (default)
Not applicable
Not applicable
Not applicable
0001
Midscale short
1000 0000 0000 0000 (16-bit)
Not applicable
Yes
Offset binary
code shown
0010
+Full-scale short
1111 1111 1111 1111 (16-bit)
Not applicable
Yes
Offset binary
code shown
0011
−Full-scale short
0000 0000 0000 0000 (16-bit)
Not applicable
Yes
Offset binary
code shown
0100
Checkerboard
1010 1010 1010 1010 (16-bit)
0101 0101 0101 0101 (16-bit)
No
0101
PN sequence long
Not applicable
Not applicable
Yes
PN23
ITU 0.150
X23 + X18 + 1
0110
PN sequence short
Not applicable
Not applicable
Yes
PN9
ITU 0.150
X9 + X5 + 1
0111
One-/zero-word
toggle
1111 1111 1111 1111 (16-bit)
0000 0000 0000 0000 (16-bit)
No
1000
User input
Register 0x19 to Register 0x1A
Register 0x1B to Register 0x1C
No
1001
1-/0-bit toggle
1010 1010 1010 1010 (16-bit)
Not applicable
No
1010
1× sync
0000 0000 1111 1111 (16-bit)
Not applicable
No
1011
One bit high
1000 0000 0000 0000 (16-bit)
Not applicable
No
Pattern
associated with
the external pin
1100
Mixed frequency
1010 0001 1001 1100 (16-bit)
Not applicable
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com