Electronic Components Datasheet Search
  English  ▼

X  

AD9653 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9653
Description  Analog-to-Digital Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9653 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9653 Datasheet HTML 34Page - Analog Devices AD9653 Datasheet HTML 35Page - Analog Devices AD9653 Datasheet HTML 36Page - Analog Devices AD9653 Datasheet HTML 37Page - Analog Devices AD9653 Datasheet HTML 38Page - Analog Devices AD9653 Datasheet HTML 39Page - Analog Devices AD9653 Datasheet HTML 40Page - Analog Devices AD9653 Datasheet HTML 41Page - Analog Devices AD9653 Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
Data Sheet
AD9653
Rev. E | Page 39 of 41
APPLICATIONS INFORMATION
DESIGN GUIDELINES
Before starting design and layout of the AD9653 as a system,
it is recommended that the designer become familiar with these
guidelines, which describes the special circuit connections and
layout requirements that are needed for certain pins.
POWER AND GROUND RECOMMENDATIONS
When connecting power to the AD9653, it is recommended
that two separate 1.8 V supplies be used. Use one supply for
analog (AVDD); use a separate supply for the digital outputs
(DRVDD). For both AVDD and DRVDD, several different
decoupling capacitors should be used to cover both high and
low frequencies. Place these capacitors close to the point of
entry at the PCB level and close to the pins of the part, with
minimal trace length.
A single PCB ground plane should be sufficient when using the
AD9653. With proper decoupling and smart partitioning of the
PCB analog, digital, and clock sections, optimum performance
is easily achieved.
CLOCK STABILITY CONSIDERATIONS
When powered on, the AD9653 enters an initialization phase
during which an internal state machine sets up the biases and
the registers for proper operation. During the initialization
process, the AD9653 needs a stable clock. If the ADC clock
source is not present or not stable during ADC power-up, it
disrupts the state machine and causes the ADC to start up in an
unknown state. To correct this, an initialization sequence must
be reinvoked after the ADC clock is stable by issuing a digital
reset via Register 0x08. In the default configuration (internal
VREF, ac-coupled input) where VREF and VCM are supplied by the
ADC itself, a stable clock during power-up is sufficient. In the
case where VREF and/or VCM are supplied by an external source,
these, too, must be stable at power-up; otherwise, a subsequent
digital reset via Register 0x08 is needed. The pseudo code
sequence for a digital reset is as follows:
SPI_Write (0x08, 0x03);
Digital Reset
SPI_Write (0x08, 0x00);
Can be asserted as
soon as the next
SPI instruction,
normal operation
resumes after 2.9
million sample
clock cycles, ADC
outputs 0s until
the reset is
complete.
EXPOSED PAD THERMAL HEAT SLUG
RECOMMENDATIONS
It is required that the exposed pad on the underside of the ADC
be connected to analog ground (AGND) to achieve the best
electrical and thermal performance of the AD9653. An exposed
continuous copper plane on the PCB should mate to the
AD9653 exposed pad, Pin 0. The copper plane should have
several vias to achieve the lowest possible resistive thermal path
for heat dissipation to flow through the bottom of the PCB.
These vias should be solder-filled or plugged.
To maximize the coverage and adhesion between the ADC and
PCB, partition the continuous copper plane by overlaying a
silkscreen on the PCB into several uniform sections. This provides
several tie points between the ADC and PCB during the reflow
process, whereas using one continuous plane with no partitions
only guarantees one tie point. See Figure 76 for a PCB layout
example. For detailed information on packaging and the PCB
layout of chip scale packages, see the AN-772 Application Note,
A Design and Manufacturing Guide for the Lead Frame Chip
Scale Package (LFCSP), at www.analog.com.
SILKSCREEN PARTITION
PIN 1 INDICATOR
Figure 76. Typical PCB Layout
VCM
The VCM pin should be bypassed to ground with a 0.1 μF
capacitor.
REFERENCE DECOUPLING
The VREF pin should be externally bypassed to ground with a
low ESR, 1.0 μF capacitor in parallel with a low ESR, 0.1 μF
ceramic capacitor.
SPI PORT
The SPI port should not be active during periods when the full
dynamic performance of the converter is required. Because the
SCLK, CSB, and SDIO signals are typically asynchronous to the
ADC clock, noise from these signals can degrade converter
performance. If the on-board SPI bus is used for other devices,
it may be necessary to provide buffers between this bus and the
AD9653 to keep these signals from transitioning at the con-
verter inputs during critical sampling periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com