Electronic Components Datasheet Search
  English  ▼

X  

AD9653 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9653
Description  Analog-to-Digital Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9653 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9653 Datasheet HTML 14Page - Analog Devices AD9653 Datasheet HTML 15Page - Analog Devices AD9653 Datasheet HTML 16Page - Analog Devices AD9653 Datasheet HTML 17Page - Analog Devices AD9653 Datasheet HTML 18Page - Analog Devices AD9653 Datasheet HTML 19Page - Analog Devices AD9653 Datasheet HTML 20Page - Analog Devices AD9653 Datasheet HTML 21Page - Analog Devices AD9653 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Data Sheet
AD9653
Rev. E | Page 17 of 41
VREF = 1.3 V
0
–30
–60
–15
–45
–75
–90
–105
–120
–135
0
12
+
2
3
4
5
6
18
6
24
30
36
42
48
60
54
FREQUENCY (MHz)
125MSPS
9.7MHz AT –1dBFS
SNR = 79.1dB (80.1dBFS)
SFDR = 93.5dBc
Figure 24. Single-Tone 16k FFT with fIN = 9.7 MHz,
fSAMPLE = 125 MSPS, VREF = 1.3 V
0
–30
–60
–15
–45
–75
–90
–105
–120
–135
0
12
+
2
3
4
5
6
18
6
24
30
36
42
48
60
54
FREQUENCY (MHz)
125MSPS
15MHz AT –1dBFS
SNR = 78.3dB (79.3dBFS)
SFDR = 94.5dBc
Figure 25. Single-Tone 16k FFT with fIN = 15 MHZ,
fSAMPLE = 125 MSPS, VREF = 1.3 V
0
–30
–60
–15
–45
–75
–90
–105
–120
–135
0
12
+
2
3
4
5
6
18
6
24
30
36
42
48
60
54
FREQUENCY (MHz)
125MSPS
64MHz AT –1dBFS
SNR = 76.9dB (77.9dBFS)
SFDR = 82.6dBc
Figure 26. Single-Tone 16k FFT with fIN = 64 MHz,
fSAMPLE = 125 MSPS, VREF = 1.3 V
0
–30
–60
–15
–45
–75
–90
–105
–120
–135
0
12
+
2
3
4
5
6
18
6
24
30
36
42
48
60
54
FREQUENCY (MHz)
125MSPS
70MHz AT –1dBFS
SNR = 76.7dB (77.7dBFS)
SFDR = 82.1dBc
Figure 27. Single-Tone 16k FFT with fIN = 70 MHz,
fSAMPLE = 125 MSPS, VREF = 1.3 V
0
–30
–60
–15
–45
–75
–90
–105
–120
–135
0
12
+
2
3
4
5 6
18
6
24
30
36
42
48
60
54
FREQUENCY (MHz)
125MSPS
128MHz AT –1dBFS
SNR = 73.5dB (74.5dBFS)
SFDR = 86.7dBc
Figure 28. Single-Tone 16k FFT with fIN = 128 MHz,
fSAMPLE = 125 MSPS, VREF = 1.3 V
0
–30
–60
–15
–45
–75
–90
–105
–120
–135
0
12
+
2
3
4
5
18
6
24
30
36
42
48
60
54
FREQUENCY (MHz)
125MSPS
200.5MHz AT –1dBFS
SNR = 71.1dB (72.1dBFS)
SFDR = 73.7dBc
6
Figure 29. Single-Tone 16k FFT with fIN = 200.5 MHz,
fSAMPLE = 125 MSPS, VREF = 1.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com