Electronic Components Datasheet Search
  English  ▼

X  

AD9653 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9653
Description  Analog-to-Digital Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9653 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9653 Datasheet HTML 22Page - Analog Devices AD9653 Datasheet HTML 23Page - Analog Devices AD9653 Datasheet HTML 24Page - Analog Devices AD9653 Datasheet HTML 25Page - Analog Devices AD9653 Datasheet HTML 26Page - Analog Devices AD9653 Datasheet HTML 27Page - Analog Devices AD9653 Datasheet HTML 28Page - Analog Devices AD9653 Datasheet HTML 29Page - Analog Devices AD9653 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Data Sheet
AD9653
Rev. E | Page 25 of 41
4
–8
–40
85
TEMPERATURE (°C)
–6
–4
–2
0
2
–15
10
35
60
Figure 60. Typical VREF = 1.0 V Drift
–15
–10
–5
0
5
10
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
Figure 61. Typical VREF = 1.3 V Drift
When the SENSE pin is tied to AVDD, the internal reference is
disabled, allowing the use of an external reference. An internal
reference buffer loads the external reference with an equivalent
7.5 kΩ load (see Figure 50). The internal buffer generates the
positive and negative full-scale references for the ADC core.
It is not recommended to leave the SENSE pin floating.
CLOCK INPUT CONSIDERATIONS
For optimum performance, clock the AD9653 sample clock inputs,
CLK+ and CLK−, with a differential signal. The signal is typically
ac-coupled into the CLK+ and CLK− pins via a transformer or
capacitors. These pins are biased internally (see Figure 44) and
require no external bias.
Clock Input Options
The AD9653 has a flexible clock input structure. The clock input
can be a CMOS, LVDS, LVPECL, or sine wave signal. Regard-
less of the type of signal being used, clock source jitter is of the
most concern, as described in the Jitter Considerations section.
Figure 62 and Figure 63 show two preferred methods for clock-
ing the AD9653 (at clock rates up to 1 GHz prior to internal clock
divider). A low jitter clock source is converted from a single-
ended signal to a differential signal using either a radio frequency
(RF) transformer or an RF balun.
The RF balun configuration is recommended for clock frequencies
between 125 MHz and 1 GHz, and the RF transformer is recom-
mended for clock frequencies from 20 MHz to 200 MHz. The
antiparallel Schottky diodes across the transformer/balun
secondary winding limit clock excursions into the AD9653 to
approximately 0.8 V p-p differential.
This limit helps prevent the large voltage swings of the clock
from feeding through to other portions of the AD9653 while
preserving the fast rise and fall times of the signal that are critical
to achieving low jitter performance. However, the diode capaci-
tance comes into play at frequencies above 500 MHz. Care must be
taken in choosing the appropriate signal limiting diode.
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSMS2822
CLOCK
INPUT
50Ω
100Ω
CLK–
CLK+
ADC
Mini-Circuits®
ADT1-1WT, 1:1 Z
XFMR
Figure 62. Transformer-Coupled Differential Clock (Up to 200 MHz)
0.1µF
0.1µF
0.1µF
CLOCK
INPUT
0.1µF
50Ω
CLK–
CLK+
SCHOTTKY
DIODES:
HSMS2822
ADC
Figure 63. Balun-Coupled Differential Clock (Up to 1 GHz)
If a low jitter clock source is not available, another option is to
ac couple a differential PECL signal to the sample clock input
pins, as shown in Figure 64. The AD9510/AD9511/AD9512/
AD9513/AD9514/AD9515/AD9516-4/AD9517-4 clock drivers
offer excellent jitter performance.
A third option is to ac couple a differential LVDS signal to the
sample clock input pins, as shown in Figure 65. The AD9510/
AD9511/AD9512/AD9513/AD9514/AD9515/AD9516-4/
AD9517-4 clock drivers offer excellent jitter performance.
In some applications, it may be acceptable to drive the sample
clock inputs with a single-ended 1.8 V CMOS signal. In such
applications, drive the CLK+ pin directly from a CMOS gate, and
bypass the CLK− pin to ground with a 0.1 μF capacitor (see
Figure 66).
10
0Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
ADC
AD951x
PECL DRIVER
Figure 64. Differential PECL Sample Clock (Up to 1 GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com