Electronic Components Datasheet Search
  English  ▼

X  

AD9653 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9653
Description  Analog-to-Digital Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9653 Datasheet(HTML) 1 Page - Analog Devices

  AD9653 Datasheet HTML 1Page - Analog Devices AD9653 Datasheet HTML 2Page - Analog Devices AD9653 Datasheet HTML 3Page - Analog Devices AD9653 Datasheet HTML 4Page - Analog Devices AD9653 Datasheet HTML 5Page - Analog Devices AD9653 Datasheet HTML 6Page - Analog Devices AD9653 Datasheet HTML 7Page - Analog Devices AD9653 Datasheet HTML 8Page - Analog Devices AD9653 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Quad, 16-Bit, 125 MSPS, Serial LVDS 1.8 V
Analog-to-Digital Converter
Data Sheet
AD9653
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
1.8 V supply operation
Low power: 164 mW per channel at 125 MSPS
SNR = 76.5 dBFS at 70 MHz (2.0 V p-p input span)
SNR = 77.5 dBFS at 70 MHz (2.6 V p-p input span)
SFDR = 90 dBc (to Nyquist, 2.0 V p-p input span)
DNL = ±0.7 LSB; INL = ±3.5 LSB (2.0 V p-p input span)
Serial LVDS (ANSI-644, default) and low power, reduced
range option (similar to IEEE 1596.3)
650 MHz full power analog bandwidth
2 V p-p input voltage range (supports up to 2.6 V p-p)
Serial port control
Full chip and individual channel power-down modes
Flexible bit orientation
Built-in and custom digital test pattern generation
Multichip sync and clock divider
Programmable output clock and data alignment
Standby mode
APPLICATIONS
Medical ultrasound and MRI
High speed imaging
Quadrature radio receivers
Diversity radio receivers
Test equipment
GENERAL DESCRIPTION
The AD9653 is a quad, 16-bit, 125 MSPS analog-to-digital
converter (ADC) with an on-chip sample-and-hold circuit
designed for low cost, low power, small size, and ease of use.
The product operates at a conversion rate of up to 125 MSPS
and is optimized for outstanding dynamic performance and low
power in applications where a small package size is critical.
The ADC requires a single 1.8 V power supply and LVPECL-/
CMOS-/LVDS-compatible sample rate clock for full performance
operation. No external reference or driver components are
required for many applications.
The ADC automatically multiplies the sample rate clock for the
appropriate LVDS serial data rate. A data clock output (DCO) for
capturing data on the output and a frame clock output (FCO)
for signaling a new output byte are provided. Individual channel
power-down is supported and typically consumes less than 2 mW
when all channels are disabled. The ADC contains several features
designed to maximize flexibility and minimize system cost, such
FUNCTIONAL BLOCK DIAGRAM
AD9653
AVDD
PDWN
DRVDD
REF
SELECT
VIN–A
VIN+A
VIN–B
VIN+B
VIN–D
VIN+D
VIN–C
VIN+C
SENSE
AGND
VCM
VREF
D0–A
D0+A
D0–B
D0+B
D1–B
D1+B
D1–C
D1+C
D0–C
D0+C
D1–D
D1+D
DCO–
DCO+
D0–D
D0+D
FCO–
FCO+
D1–A
D1+A
RBIAS
PIPELINE
ADC
PIPELINE
ADC
PIPELINE
ADC
SERIAL
LVDS
DIGITAL
SERIALIZER
DIGITAL
SERIALIZER
DIGITAL
SERIALIZER
DIGITAL
SERIALIZER
CLOCK
MANAGEMENT
SERIAL PORT
INTERFACE
SERIAL
LVDS
SERIAL
LVDS
SERIAL
LVDS
SERIAL
LVDS
SERIAL
LVDS
SERIAL
LVDS
SERIAL
LVDS
PIPELINE
ADC
16
16
16
16
1V
Figure 1.
as programmable output clock and data alignment and digital
test pattern generation. The available digital test patterns include
built-in deterministic and pseudorandom patterns, along with
custom user-defined test patterns entered via the serial port
interface (SPI).
The AD9653 is available in a RoHS-compliant, 48-lead LFCSP.
It is specified over the industrial temperature range of −40°C to
+85°C.
PRODUCT HIGHLIGHTS
1. Small Footprint.
Four ADCs are contained in a small, space-saving package.
2. Low power of 164 mW/channel at 125 MSPS with scalable
power options.
3. Pin compatible to the AD9253 14-bit quad and the AD9633
12-bit quad ADC.
4. Ease of Use.
A data clock output (DCO) operates at frequencies of up to
500 MHz and supports double data rate (DDR) operation.
5. User Flexibility.
The SPI control offers a wide range of flexible features to
meet specific system requirements.


Similar Part No. - AD9653

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9653 AD-AD9653 Datasheet
1Mb / 40P
Quad, 16-Bit, 125 MSPS, Serial LVDS 1.8 V
REV. 0
AD9653-125EBZ AD-AD9653-125EBZ Datasheet
1Mb / 40P
Quad, 16-Bit, 125 MSPS, Serial LVDS 1.8 V
REV. 0
AD9653BCPZ-125 AD-AD9653BCPZ-125 Datasheet
1Mb / 40P
Quad, 16-Bit, 125 MSPS, Serial LVDS 1.8 V
REV. 0
AD9653BCPZRL7-125 AD-AD9653BCPZRL7-125 Datasheet
1Mb / 40P
Quad, 16-Bit, 125 MSPS, Serial LVDS 1.8 V
REV. 0
More results

Similar Description - AD9653

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
ANALOG-TO-DIGITAL CONVERTER
TL507 TI1-TL507 Datasheet
118Kb / 7P
ANALOG-TO-DIGITAL CONVERTER
ADS7804 TI1-ADS7804 Datasheet
940Kb / 19P
ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
ANALOG-TO-DIGITAL CONVERTER
ADS7818 TI1-ADS7818_13 Datasheet
668Kb / 21P
ANALOG-TO-DIGITAL CONVERTER
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
ANALOG-to-DIGITAL CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com