Electronic Components Datasheet Search
  English  ▼

X  

AD9653 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9653
Description  Analog-to-Digital Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9653 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9653 Datasheet HTML 6Page - Analog Devices AD9653 Datasheet HTML 7Page - Analog Devices AD9653 Datasheet HTML 8Page - Analog Devices AD9653 Datasheet HTML 9Page - Analog Devices AD9653 Datasheet HTML 10Page - Analog Devices AD9653 Datasheet HTML 11Page - Analog Devices AD9653 Datasheet HTML 12Page - Analog Devices AD9653 Datasheet HTML 13Page - Analog Devices AD9653 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Data Sheet
AD9653
Rev. E | Page 9 of 41
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, unless otherwise noted.
Table 6.
Parameter1, 2
Temp
Min
Typ
Max
Unit
CLOCK3
Input Clock Rate
Full
20
1000
MHz
Conversion Rate4
Full
20
125
MSPS
Clock Pulse Width High (tEH)
Full
4.00
ns
Clock Pulse Width Low (tEL)
Full
4.00
ns
OUTPUT PARAMETERS3
Propagation Delay (tPD)
Full
1.5
2.3
3.1
ns
Rise Time (tR) (20% to 80%)
Full
300
ps
Fall Time (tF) (20% to 80%)
Full
300
ps
FCO Propagation Delay (tFCO)
Full
1.5
2.3
3.1
ns
DCO Propagation Delay (tCPD)5
Full
tFCO + (tSAMPLE/16)
ns
DCO to Data Delay (tDATA)5
Full
(tSAMPLE/16) − 300
(tSAMPLE/16)
(tSAMPLE/16) + 300
ps
DCO to FCO Delay (tFRAME)5
Full
(tSAMPLE/16) − 300
(tSAMPLE/16)
(tSAMPLE/16) + 300
ps
Lane Delay (tLD)
90
ps
Data to Data Skew (tDATA-MAX − tDATA-MIN)
Full
±50
±200
ps
Wake-Up Time (Standby)
25°C
250
ns
Wake-Up Time (Power-Down)6
25°C
375
μs
Pipeline Latency
Full
16
Clock cycles
APERTURE
Aperture Delay (tA)
25°C
1
ns
Aperture Uncertainty (Jitter, tJ)
25°C
135
fs rms
Out-of-Range Recovery Time
25°C
1
Clock cycles
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
Measured on standard FR-4 material.
3
Can be adjusted via the SPI. The conversion rate is the clock rate after the divider.
4
The maximum conversion rate is based on two-lane output mode. See the Digital Outputs and Timing section for the maximum conversion rate in one-lane output mode.
5
tSAMPLE/16 is based on the number of bits in two LVDS data lanes. tSAMPLE = 1/fS.
6
Wake-up time is defined as the time required to return to normal operation from power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com