Electronic Components Datasheet Search
  English  ▼

X  

AD9653 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9653
Description  Analog-to-Digital Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9653 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9653 Datasheet HTML 30Page - Analog Devices AD9653 Datasheet HTML 31Page - Analog Devices AD9653 Datasheet HTML 32Page - Analog Devices AD9653 Datasheet HTML 33Page - Analog Devices AD9653 Datasheet HTML 34Page - Analog Devices AD9653 Datasheet HTML 35Page - Analog Devices AD9653 Datasheet HTML 36Page - Analog Devices AD9653 Datasheet HTML 37Page - Analog Devices AD9653 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Data Sheet
AD9653
Rev. E | Page 33 of 41
MEMORY MAP
READING THE MEMORY MAP REGISTER TABLE
Each row in the memory map register table has eight bit locations.
The memory map is roughly divided into three sections: the chip
configuration registers (Address 0x00 to Address 0x02); the device
index and transfer registers (Address 0x04, Address 0x05, and
Address 0xFF); and the global ADC functions registers, including
setup, control, and test (Address 0x08 to Address 0x109).
The memory map register table (see Table 19) lists the default
hexadecimal value for each hexadecimal address shown. The
column with the heading Bit 7 (MSB) is the start of the default
hexadecimal value given. For example, Address 0x05, the device
index register, has a hexadecimal default value of 0x3F. This
means that in Address 0x05, Bits[7:6] = 0, and the remaining
Bits[5:0] = 1. This setting is the default channel index setting.
The default value results in all ADC channels receiving the next
write command. For more information on this function and
others, see the AN-877 Application Note, Interfacing to High
Speed ADCs via SPI. This application note details the functions
controlled by Register 0x00 to Register 0xFF. The remaining
registers are documented in the Memory Map Register
Descriptions section.
Open Locations
All address and bit locations that are not included in Table 19
are not currently supported for this device. Unused bits of a
valid address location should be written with 0s. Writing to these
locations is required only when part of an address location is
open (for example, Address 0x05). If the entire address location
is open or not listed in Table 19 (for example, Address 0x13), this
address location should not be written.
Default Values
After the AD9653 is reset, critical registers are loaded with
default values. The default values for the registers are given in
the memory map register table, Table 19.
Logic Levels
An explanation of logic level terminology follows:
•
“Bit is set” is synonymous with “bit is set to Logic 1” or
“writing Logic 1 for the bit.”
•
“Clear a bit” is synonymous with “bit is set to Logic 0” or
“writing Logic 0 for the bit.”
Channel-Specific Registers
Some channel setup functions can be programmed differently
for each channel. In these cases, channel address locations are
internally duplicated for each channel. These registers and bits
are designated in Table 19 as local. These local registers and bits
can be accessed by setting the appropriate data channel bits (A,
B, C, or D) and the clock channel DCO bit (Bit 5) and FCO bit
(Bit 4) in Register 0x05. If all the bits are set, the subsequent
write affects the registers of all channels and the DCO/FCO
clock channels. In a read cycle, only one of the channels (A, B,
C, or D) should be set to read one of the four registers. If all the
bits are set during a SPI read cycle, the part returns the value for
Channel A. Registers and bits designated as global in Table 19
affect the entire part or the channel features for which
independent settings are not allowed between channels. The
settings in Register 0x04 and Register 0x05 do not affect the
global registers and bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com