Electronic Components Datasheet Search
  English  ▼

X  

AD9653 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9653
Description  Analog-to-Digital Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9653 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9653 Datasheet HTML 15Page - Analog Devices AD9653 Datasheet HTML 16Page - Analog Devices AD9653 Datasheet HTML 17Page - Analog Devices AD9653 Datasheet HTML 18Page - Analog Devices AD9653 Datasheet HTML 19Page - Analog Devices AD9653 Datasheet HTML 20Page - Analog Devices AD9653 Datasheet HTML 21Page - Analog Devices AD9653 Datasheet HTML 22Page - Analog Devices AD9653 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
AD9653
Data Sheet
Rev. E | Page 18 of 41
0
–30
–60
–15
–45
–75
–90
–105
–120
–135
8
+
2
3
12
4
0
16
20
24
28
32
36
40
FREQUENCY (MHz)
80MSPS
15MHz AT –1dBFS
SNR = 79.0dB (80.0dBFS)
SFDR = 90.5dBc
6
4
5
Figure 30. Single-Tone 16k FFT with fIN = 15 MHz,
fSAMPLE = 80 MSPS, VREF = 1.3 V
0
–30
–60
–15
–45
–75
–90
–105
–120
–135
8
+
2
3
12
4
0
16
20
24
28
32
36
40
FREQUENCY (MHz)
80MSPS
15MHz AT –1dBFS
SNR = 76.7dB (77.7dBFS)
SFDR = 82.1dBc
6
4
5
Figure 31. Single-Tone 16k FFT with fIN = 64.5 MHz,
fSAMPLE = 80 MSPS, VREF = 1.3 V
–20
0
20
40
60
80
100
120
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SFDRFS
SNRFS
SFDR
SNR
Figure 32. SNR/SFDR vs. Input Amplitude (AIN), fIN = 9.7 MHz,
fSAMPLE = 125 MSPS, VREF = 1.3 V
0
–30
–60
–15
–45
–75
–90
–105
–120
–135
0
12
F2 – F1
F1 + F2
+
2F2 + F1
2F1 + F2
2F2 – F1
2F1 – F2
18
6
24
30
36
42
48
60
54
FREQUENCY (MHz)
Figure 33. Two-Tone 16k FFT with fIN1 = 70.5 MHz and fIN2 = 72.5 MHz,
fSAMPLE = 125 MSPS, VREF = 1.3 V
IMD3 (dBc)
–120
–100
–80
–60
–40
–20
0
–90
–70
–50
–30
–10
INPUT AMPLITUDE (dBFS)
IMD3 (dBFS)
SFDR (dBFS)
SFDR (dBc)
Figure 34. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 70.5 MHz and fIN2 = 72.5 MHz, fSAMPLE = 125 MSPS, VREF = 1.3 V
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
140
160
180
200
INPUT FREQUENCY (MHz)
SFDR (dBc)
SNR (dBFS)
Figure 35. SNR/SFDR vs. fIN, fSAMPLE = 125 MSPS, Clock Divider = 8, VREF = 1.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com