Electronic Components Datasheet Search
  English  ▼

X  

AD9653 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9653
Description  Analog-to-Digital Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9653 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9653 Datasheet HTML 3Page - Analog Devices AD9653 Datasheet HTML 4Page - Analog Devices AD9653 Datasheet HTML 5Page - Analog Devices AD9653 Datasheet HTML 6Page - Analog Devices AD9653 Datasheet HTML 7Page - Analog Devices AD9653 Datasheet HTML 8Page - Analog Devices AD9653 Datasheet HTML 9Page - Analog Devices AD9653 Datasheet HTML 10Page - Analog Devices AD9653 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
AD9653
Data Sheet
Rev. E | Page 6 of 41
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2.0 V p-p full-scale differential input at −1.0 dBFS; VREF = 1.0 V, DCS off, unless otherwise noted.
Table 3.
Parameter1
Temperature
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 9.7 MHz
25°C
78
dBFS
fIN = 15 MHz
25°C
77.8
dBFS
fIN = 70 MHz
Full
75.5
76.5
dBFS
fIN = 128 MHz
25°C
73.9
dBFS
fIN = 200 MHz
25°C
71.5
dBFS
SIGNAL-TO-NOISE-AND-DISTORTION RATIO (SINAD)
fIN = 9.7 MHz
25°C
78
dBFS
fIN = 15 MHz
25°C
77.7
dBFS
fIN = 70 MHz
Full
74.6
76.1
dBFS
fIN = 128 MHz
25°C
73.6
dBFS
fIN = 200 MHz
25°C
70.3
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 9.7 MHz
25°C
12.7
Bits
fIN = 15 MHz
25°C
12.6
Bits
fIN = 70 MHz
Full
12.1
12.3
Bits
fIN = 128 MHz
25°C
11.9
Bits
fIN = 200 MHz
25°C
11.4
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 9.7 MHz
25°C
96
dBc
fIN = 15 MHz
25°C
93
dBc
fIN = 70 MHz
Full
78
89
dBc
fIN = 128 MHz
25°C
87
dBc
fIN = 200 MHz
25°C
77
dBc
WORST HARMONIC (SECOND OR THIRD)
fIN = 9.7 MHz
25°C
−98
dBc
fIN = 15 MHz
25°C
−93
dBc
fIN = 70 MHz
Full
−89
−78
dBc
fIN = 128 MHz
25°C
−87
dBc
fIN = 200 MHz
25°C
−77
dBc
WORST OTHER HARMONIC OR SPUR
fIN = 9.7 MHz
25°C
−96
dBc
fIN = 15 MHz
25°C
−98
dBc
fIN = 70 MHz
Full
−94
−85
dBc
fIN = 128 MHz
25°C
−89
dBc
fIN = 200 MHz
25°C
−83
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)—AIN1 AND AIN2 = −7.0 dBFS
fIN1 = 70.5 MHz, fIN2 = 72.5 MHz
25°C
−90
dBc
CROSSTALK2
25°C
−91
dB
CROSSTALK (OVERRANGE CONDITION)3
25°C
−87
dB
POWER SUPPLY REJECTION RATIO (PSRR)4
AVDD
25°C
31
dB
DRVDD
25°C
79
dB
ANALOG INPUT BANDWIDTH, FULL POWER
25°C
650
MHz
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
Crosstalk is measured at 70 MHz with −1.0 dBFS analog input on one channel and no input on the adjacent channel.
3
Overrange condition is defined as the input being 3 dB above full scale.
4
PSRR is measured by injecting a sinusoidal signal at 10 MHz to the power supply pin and measuring the output spur on the FFT. PSRR is calculated as the ratio of the
amplitudes of the spur voltage over the pin voltage, expressed in decibels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com