Electronic Components Datasheet Search
  English  ▼

X  

AD9684 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9684
Description  Dual Analog-to-Digital Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9684 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9684 Datasheet HTML 34Page - Analog Devices AD9684 Datasheet HTML 35Page - Analog Devices AD9684 Datasheet HTML 36Page - Analog Devices AD9684 Datasheet HTML 37Page - Analog Devices AD9684 Datasheet HTML 38Page - Analog Devices AD9684 Datasheet HTML 39Page - Analog Devices AD9684 Datasheet HTML 40Page - Analog Devices AD9684 Datasheet HTML 41Page - Analog Devices AD9684 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 65 page
background image
Data Sheet
AD9684
FREQUENCY TRANSLATION
GENERAL DESCRIPTION
Frequency translation is accomplished using a 12-bit complex
NCO with a digital quadrature mixer. The frequency translation
translates either a real or complex input signal from an IF to a
baseband complex digital output (carrier frequency = 0 Hz).
The frequency translation stage of each DDC can be controlled
individually and supports four different IF modes using Bits[5:4] of
the DDC control registers (Register 0x310, Register 0x330,
Register 0x350, and Register 0x370). These IF modes are
•
Variable IF mode
•
0 Hz IF, or zero IF (ZIF), mode
•
fS/4 Hz IF mode
•
Test mode
Variable IF Mode
The NCO and the mixers are enabled. The NCO output
frequency can be used to digitally tune the IF frequency.
0 Hz IF (ZIF) Mode
The mixers are bypassed and the NCO is disabled.
fS/4 Hz IF Mode
The mixers and the NCO are enabled in a special downmixing
by fS/4 mode to save power.
Test Mode
The input samples are forced to 0.999 × full scale to positive full
scale. The NCO is enabled. This test mode allows the NCOs to
drive the decimation filters directly.
Figure 60 and Figure 61 show examples of the frequency
translation stage for both real and complex inputs.
BANDWIDTH OF
INTEREST
BANDWIDTH OF
INTEREST IMAGE
NCO FREQUENCY TUNING WORD (FTW) SELECTION
12-BIT NCO FTW = MIXING FREQUENCY/ADC SAMPLE RATE × 4096
ADC + DIGITAL MIXER + NCO
REAL INPUT—SAMPLED AT
fS
DC
–
fS/2
–
fS/3
–
fS/4
–
fS/8
fS/16
fS/8
fS/4
fS/3
fS/2
–
fS/16
–
fS/32
fS/32
DC
–
fS/32
fS/32
DC
–
fS/32
fS/32
cos(wt)
0°
90°
I
Q
ADC
SAMPLING
AT
fS
REAL
REAL
–sin(wt)
12-BIT
NCO
POSITIVE FTW VALUES
NEGATIVE FTW VALUES
COMPLEX
–6dB LOSS DUE TO
NCO + MIXER
12-BIT NCO FTW =
ROUND ((
fS/3)/fS × 4096) = +1365 (0x555)
12-BIT NCO FTW =
ROUND ((
fS/3)/fS × 4096) = –1365 (0xAAB)
Figure 60. DDC NCO Frequency Tuning Word Selection—Real Inputs
Rev. 0 | Page 37 of 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com